Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 83 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 83 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 79Page - ams-OSRAM AG AS7038RB Datasheet HTML 80Page - ams-OSRAM AG AS7038RB Datasheet HTML 81Page - ams-OSRAM AG AS7038RB Datasheet HTML 82Page - ams-OSRAM AG AS7038RB Datasheet HTML 83Page - ams-OSRAM AG AS7038RB Datasheet HTML 84Page - ams-OSRAM AG AS7038RB Datasheet HTML 85Page - ams-OSRAM AG AS7038RB Datasheet HTML 86Page - ams-OSRAM AG AS7038RB Datasheet HTML 87Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 82
DAC Switching
Figure 104:
Electrical Analog Front End DAC Level Switching
If bit dac_mode is not zero, the DAC switches its codes between dac1_value and dac2_value on the
beginning of every/every 2nd/every 4th sequencer cycle where the ADC is converting the electrical
frontend channel. ADC conversions of any other channel do not switch the DAC.
Input Pins
Four general purpose pins and ECG_REF can be used either as configurable GPIO pin or as analog
input pins for the electrical analog front end. The analog inputs can be configured to setup different
amplifier topologies.
7.1.15
EAF (Electrical Analog Frontend) Registers
EAF_CFG (Address 0x70)
Figure 105:
EAF_CFG Register
Addr: 0x70
EAF_CFG
Bit
Bit Name
Default
Access
Bit Description
7:4
Do not use
0
RW
Do not use
3
eaf_enab
0
RW
0: EAF bias deactivated
1: EAF bias activated (need to be set for
any functions of the EAF are used).
2
eaf_enab_dac
0
RW
0: DAC inside the EAF OFF
Example with dac_mode=1
VDAC
sequencer
start period
ADC
convert
start
ADC
convert
start
ADC
convert
seq_adc
seq_adc
seq_adc
dac1_value
dac2_value
dac1_value
t [not to scale]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com