Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 75 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 75 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 71Page - ams-OSRAM AG AS7038RB Datasheet HTML 72Page - ams-OSRAM AG AS7038RB Datasheet HTML 73Page - ams-OSRAM AG AS7038RB Datasheet HTML 74Page - ams-OSRAM AG AS7038RB Datasheet HTML 75Page - ams-OSRAM AG AS7038RB Datasheet HTML 76Page - ams-OSRAM AG AS7038RB Datasheet HTML 77Page - ams-OSRAM AG AS7038RB Datasheet HTML 78Page - ams-OSRAM AG AS7038RB Datasheet HTML 79Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 74
LTF_CONFIG (Address 0x25)
Figure 92:
LTF_CONFIG Register
Addr: 0x25
LTF_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7
infinite_itime
0
RW
If this is asserted, then integration does not
stop. The ITIME setting is ignored. Use with
watch the ltfdata counters. (Warning: must be
filtered in software to prevent inconsistent
upper/lower byte). It's implemented as a count
disable on the integration counter, so when
resetting bit to 0 again, the itime counter will
continue and results can be read afterwards
through the regular mechanisms (ltfdata or
FIFO) This is intended for very long integration
times - as the timing is controlled by
software/I²C, accuracy fully depends on the
system and I²C master.
6
az_disable_auto
0
RW
0: Run autozero on both channels every time
FM mode is activated for the first time after
ENAB is being asserted.
1: Do not run autozero automatically. Autozero
can only be activated manually
(AZ_CONTROL)
5:4
az_mode
0
RW
Autozero mechanism. It is a simple and robust
follower circuit that requires as many cycles as
offsetvalue minus startvalue. Mode 0 is the
safe default mode. Mode 1 is used in
production test to be sure that the DAC can
generate all values. Mode 2 can be used if AZ
time is an issue, if one is certain that the
AZvalue has not changed much: typically if full
AZ has been run, one can assume that offset
only changes a little bit from temperature.
Settings
Mode
0
Always start at zero when
searching the best offset
value,128+16 cycles
1
Always start at the previous offset
with the auto-zero mechanism,
256+16 cycles
2
Always start at the previous offset
with the auto-zero mechanism,
16+16 cycles
3
Not used
3
Not used
0
RW
Not used
2
ltf_prox_mode
0
RW
LTF proximity mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com