Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 76 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 76 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 72Page - ams-OSRAM AG AS7038RB Datasheet HTML 73Page - ams-OSRAM AG AS7038RB Datasheet HTML 74Page - ams-OSRAM AG AS7038RB Datasheet HTML 75Page - ams-OSRAM AG AS7038RB Datasheet HTML 76Page - ams-OSRAM AG AS7038RB Datasheet HTML 77Page - ams-OSRAM AG AS7038RB Datasheet HTML 78Page - ams-OSRAM AG AS7038RB Datasheet HTML 79Page - ams-OSRAM AG AS7038RB Datasheet HTML 80Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 75
Addr: 0x25
LTF_CONFIG
Bit
Bit Name
Default
Access
Bit Description
1
ltf_fifo_mode
0
RW
Run LTF integrations back to back, the LTF
modulator is running continuously (the
modulators are not reset between integrations
cycles).
After each integration, the result gets written to
the FIFO. The FIFO is being filled
automatically, FIFO threshold interrupt is
flagged as configured.
The first item read from the FIFO is from
channel 0, the next one from channel 1, etc.
Note that there is no ltf_done interrupt
triggered after each integration. A FIFO
threshold of 1 can be used to generate an
interrupt for each result. irq_ltf_enab should be
kept asserted to avoid missing an ltf_sat
interrupt.
Do not enable ADC/sequencer FIFO mode
and ltf_fifo_mode at the same time, corrupted
data would be the result.
Make sure to empty the FIFO in time, if the
FIFO is full, new data is not being stored in the
FIFO. Source of data read from the FIFO after
an overflow condition is undefined (can be
from channel 0 or channel 1)
Stop the procedure by clearing this bit.
0
ltf_enable
0
RW
This bit must be asserted for any LTF function
(powers up the LTF clock tree)
LTF_SEL (Address 0x26)
Figure 93:
LTF_SEL Register
Addr: 0x26
LTF_SEL
Bit
Bit Name
Default
Access
Bit Description
7
Do not use
0
RW
Do not use
6:4
ltf1_sel
2
RW
Select the sensor diode for LTF1
Setting
Source
0
Clear
1
Not used
2
IR
3
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com