Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 99 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 99 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 95Page - ams-OSRAM AG AS7038RB Datasheet HTML 96Page - ams-OSRAM AG AS7038RB Datasheet HTML 97Page - ams-OSRAM AG AS7038RB Datasheet HTML 98Page - ams-OSRAM AG AS7038RB Datasheet HTML 99Page - ams-OSRAM AG AS7038RB Datasheet HTML 100Page - ams-OSRAM AG AS7038RB Datasheet HTML 101Page - ams-OSRAM AG AS7038RB Datasheet HTML 102Page - ams-OSRAM AG AS7038RB Datasheet HTML 103Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 98
7.1.20
ADC Registers
ADC_THRESHOLD (Address 0x68)
Figure 130:
ADC_THRESHOLD Register
Addr: 0x68
ADC_THRESHOLD
Bit
Bit Name
Default
Access
Bit Description
7:0
adc_threshold
0xff
RW
If the ADC returns a value above
adc_threshold (not equal), then the
adc_threshold interrupt can be
triggered. Note that when only the
upper 8 bits are compared, the lower 6
bits are ignored. A value of 0xff can
therefore never trigger the interrupt
ADC_THRESHOLD_CFG (Address 0x69)
Figure 131:
ADC_THRESHOLD_CFG Register
Addr: 0x69
ADC_THRESHOLD_CFG
Bit
Bit Name
Default
Access
Bit Description
7:2
Not used
0
RW
Not used
1
adc_thresh_differential
0
RW
If adc_thresh_tia only is asserted and
any of seq_adc[23]tia is non-zero,
meaning that there are two or three
ADC TIA measurements in one
sequencer period, then the second is
subtracted from the first, and the
difference is being compared to the
adc_threshold.
0
adc_thresh_tiaonly
0
RW
Normally, the adc_threshold works
regardless of the adc channel.
If this bit is set, then the threshold is
only checked if the adc channel is TIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com