Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 102 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 102 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 98Page - ams-OSRAM AG AS7038RB Datasheet HTML 99Page - ams-OSRAM AG AS7038RB Datasheet HTML 100Page - ams-OSRAM AG AS7038RB Datasheet HTML 101Page - ams-OSRAM AG AS7038RB Datasheet HTML 102Page - ams-OSRAM AG AS7038RB Datasheet HTML 103Page - ams-OSRAM AG AS7038RB Datasheet HTML 104Page - ams-OSRAM AG AS7038RB Datasheet HTML 105Page - ams-OSRAM AG AS7038RB Datasheet HTML 106Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 101
Addr: 0x8a
ADC_CFGC
Bit
Bit Name
Default
Access
Bit Description
4
adc_selfpd
0
RW
1: Power down the ADC when not converting; use
this to conserve power, but set adc_settling_time
to minimum 64
μs to permit settling of the ADC
reference buffer.
0: Always enable ADC
3
adc_discharge
0
RW
0: Suppress ADC capacitor discharging
– use with
caution
1: Discharge ADC capacitor before tracking
If asserted, the capacitor is discharged before the
tracking phase. If zero, the discharge phase is
suppressed and the tracking phase is started one
cycle earlier
2:0
adc_settling_time
0
RW
ADC settling time: Use with synchronous
demodulator. It defines the number of ADC clock
cycles the sampling window is kept open
additionally.
If the gain stage in the optical frontend is used
(gain_byp=0), set this to minimum 8 µs. If
adc_selfpd=1, set this to minimum 64 µs.
Setting
Periods
µs
(@500 kHz)
µs
(@250 kHz)
0
0
0
0
1
4
8
16
2
8
16
32
3
16
32
64
4
32
64
128
5
64
128
256
6
128
256
512
7
256
512
1 ms
ADC_CHANNEL_MASK_L (Address 0x8b)
Figure 135:
ADC_CHANNEL_MASK_L Register
Addr: 0x8b
ADC_CHANNEL_MASK_L
Bit
Bit Name
Default
Access
Bit Description
7
adc_channel_mask_pregain
0
RW
Pregain channel selection
6
adc_channel_mask_afe
0
RW
Electrical front end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com