Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 106 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 106 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 102Page - ams-OSRAM AG AS7038RB Datasheet HTML 103Page - ams-OSRAM AG AS7038RB Datasheet HTML 104Page - ams-OSRAM AG AS7038RB Datasheet HTML 105Page - ams-OSRAM AG AS7038RB Datasheet HTML 106Page - ams-OSRAM AG AS7038RB Datasheet HTML 107Page - ams-OSRAM AG AS7038RB Datasheet HTML 108Page - ams-OSRAM AG AS7038RB Datasheet HTML 109Page - ams-OSRAM AG AS7038RB Datasheet HTML 110Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 105
FIFOSTATUS (Address 0xa4)
Figure 141:
FIFOSTATUS Register
Addr: 0xa4
FIFOSTATUS
Bit
Bit Name
Default
Access
Bit Description
7:1
Not used
0
RO
Not used
0
Fifo overflow
0
RO
FIFO overflow indicator
FIFOLEVEL (Address 0xa6)
Figure 142:
FIFOLEVEL Register
Addr: 0xa6
FIFOLEVEL
Bit
Bit Name
Default
Access
Bit Description
7:0
FifoLevel
0
RO
FIFO fill level (0..128)
FIFOL (Address 0xfe)
Figure 143:
FIFOL Register
Addr: 0xfe
FIFOL
Bit
Bit Name
Default
Access
Bit Description
7:0
fifol
0
PUSHPOP
Low byte of FIFO
FIFOL can be read out with single reads (2 consecutive I²C addresses have to be read to get one
FIFO entry) or with block-read (up to 2 x fifo_depth values can be read in a single block-read)
Upon reading of FIFOH, it automatically advances the internal read pointer and decreases FIFO level.
If reading beyond end of FIFO, data will return 00h. There is no underrun flag, this is not an error
condition.
Use ams SDK functions to read from the FIFO register to keep the reading in synchronization with the
ADC channel selection. If synchronization is no concern use [fifoh[7:0] : fifol[7:2]] as ADC result as the
ADC data is multiplied by x4 before it is pushed in to the FIFO. FIFOl[0] is used as an ADC first
channel indication. The first channel indication bit toggles upon every new entry unless the first ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com