Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 7Page - ams-OSRAM AG AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
Document Feedback
AS7038RB
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 10
4
Absolute Maximum Ratings
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of AS7038RB
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VSUP / VGND
Supply Voltage to Ground
6
V
VIN
Input Pin Voltage to Ground pins
GPIO0/1/2/3
-0.3
VDD+0.3
(max. 6V)
V
Diode to VDD
VIN-OTHER
Input Pin Voltage to Ground pins
SCL/SDA/INT/ENABLE and
VD1/VD2/VD3/VD4
-0.3
5.5
V
No internal diode to
VDD or V_LDO
VVD1/2/3/4_INTERNAL
Voltage between internal pin of VD1-
VD4 to VDD
VDD+0.3
V
Internal diode
between current
source (internal node
at anode of the LED
if the pin has a LED
otherwise VD1/2/3/4
pin) and VDD
VIN-LDO
Input Pin Voltage to Ground for pin
V_LDO
-0.3
2.0
V
Diode to VDD
VIN-LDO_DIODE
Input Pin Voltage to Ground pins for
ECG_INP/ECG_INN/ECG_REF/SIGREF
-0.3
2.0
V
Diode to V_LDO
VGND-AGND
Analog to power ground voltage
difference
-0.3
+0.3
V
ISCR
Input Current (latch-up immunity)
±100
mA
JEDEC JESD78
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2
kV
ANSI/ESDA/JEDEC
JS-001-2012
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-
020 (1)
RHNC
Relative Humidity (non-condensing)
5
85
%
MSL
Moisture Sensitivity Level
3
Maximum floor life
time of 168h
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for
Pb-
free leaded packages is “Matte Tin” (100 % Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com