Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG AS7038RB Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
Document Feedback
AS7038RB
Electrical Characteristics
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 14
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gain error
TAMB =25 °C
-8
8
LSB
SNR
Signal-to-
noise ratio
Fsample = 1 kHz,
Fsignal=100 Hz
80
dB
THD
Total
harmonic
distortion
Fsample = 1 kHz,
Fsignal=100 Hz
-70
dB
Tconv
Conversion
rate
14-bit resolution
50
ksps
Vin
Input voltage
range
0
Vref
V
I²C Mode Timings
fSCLK
SCL clock
frequency
0
400
kHz
tBUF
Bus free time
between a
STOP and
START
condition
1.3
µs
tHD:STA
Hold time
(Repeated)
START
condition(4)
0.6
µs
tLOW
LOW period
of SCL clock
1.3
µs
tHIGH
HIGH period
of SCL clock
0.6
µs
tSU:STA
Setup time for
a repeated
START
condition
0.6
µs
tHD:DAT
Data hold
time(5)
0
0.9
µs
tSU:DAT
Data setup
time(6)
100
ns
tR
Rise time of
both SDA and
SCL signals
20
300
ns
tF
Fall time of
both SDA and
SCL signals
20
300
ns
tSU:STO
Setup time for
STOP
condition
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com