Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 94 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 94 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 90Page - ams-OSRAM AG AS7038RB Datasheet HTML 91Page - ams-OSRAM AG AS7038RB Datasheet HTML 92Page - ams-OSRAM AG AS7038RB Datasheet HTML 93Page - ams-OSRAM AG AS7038RB Datasheet HTML 94Page - ams-OSRAM AG AS7038RB Datasheet HTML 95Page - ams-OSRAM AG AS7038RB Datasheet HTML 96Page - ams-OSRAM AG AS7038RB Datasheet HTML 97Page - ams-OSRAM AG AS7038RB Datasheet HTML 98Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 93
Addr: 0x5c
ECG_CFGA
Bit
Bit Name
Default
Access
Bit Description
1: Gain stage is ECGREF
4
ecg_lp_byp
0
RW
0: LP stage is used
1: LP stage is bypassed
3
ecg_notch_byp
1
RW
0: Notch stage is used
1: Notch stage is bypassed
2
ecg_diff_byp
0
RW
0: Diffamp stage is used
1: Diffamp stage is bypassed
1:0
ecg_hp_byp
0
RW
00: HP filter is used
01: Not used
10: Not used
11: HP filter is bypassed
ECG_CFGB (Address 0x5d)
Figure 124:
ECG_CFGB Register
Addr: 0x5d
ECG_CFGB
Bit
Bit Name
Default
Access
Bit Description
7
ecg_fast_startup
0
RW
ECG fast startup
6:5
ecg_lp_freq
0
RW
ECG low pass cut of Frequency
Setting
Pulse
Frequency
Cutoff
Frequency
0
31.25 kHz
40 Hz
1
62.5 kHz
80 Hz
2
125 kHz
160 Hz
3
250 kHz
320 Hz
4:3
ecg_hp_freq
0
RW
ECG High pass filter cutoff frequency
Setting
Filter
Frequency
Cutoff
Frequency
0
122 Hz
0.33 Hz
1
488 Hz
1.32 Hz
2
1935 Hz
5.28 Hz
3
3906 Hz
10.56 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com