Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 59Page - ams-OSRAM AG AS7038RB Datasheet HTML 60Page - ams-OSRAM AG AS7038RB Datasheet HTML 61Page - ams-OSRAM AG AS7038RB Datasheet HTML 62Page - ams-OSRAM AG AS7038RB Datasheet HTML 63Page - ams-OSRAM AG AS7038RB Datasheet HTML 64Page - ams-OSRAM AG AS7038RB Datasheet HTML 65Page - ams-OSRAM AG AS7038RB Datasheet HTML 66Page - ams-OSRAM AG AS7038RB Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 62
7.1.12
Optical Signal Conditioning Registers
OFE_CFGA (Address 0x50)
Figure 76:
OFE_CFGA Register
Addr: 0x50
OFE_CFGA
Bit
Bit Name
Default
Access
Bit Description
7
ofe2_en
0
RW
Enable OFE2
6
ofe1_en
0
RW
Enable OFE1
5
en_bias_ofe
0
RW
Enable bias for OFE and TIA
4:3
aa_freq
0
RW
Anti-aliasing filter cut-off frequency
Settings
Signal
0
10 kHz
1
20 kHz
2
40 kHz
3
60 kHz
2:0
gain_sd
0
RW
SD gain
Settings
Normal Gain
0
1
1
2
2
4
3
8
4
16
5
32
6
64
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com