Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 46Page - ams-OSRAM AG AS7038RB Datasheet HTML 47Page - ams-OSRAM AG AS7038RB Datasheet HTML 48Page - ams-OSRAM AG AS7038RB Datasheet HTML 49Page - ams-OSRAM AG AS7038RB Datasheet HTML 50Page - ams-OSRAM AG AS7038RB Datasheet HTML 51Page - ams-OSRAM AG AS7038RB Datasheet HTML 52Page - ams-OSRAM AG AS7038RB Datasheet HTML 53Page - ams-OSRAM AG AS7038RB Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 49
Addr: 0x32
SEQ_START
Bit
Bit Name
Default
Access
Bit Description
2
seq_start_gpio
0
R_PUSH
After programming, the sequencer waits for a
synchronization pulse via GPIO (see register
GPIO_SYNC).
For all released ADC channels a value is
recorded per synchronization pulse (see register
ADC_CHANNEL).
1
seq_start_sync
0
R_PUSH
Similar to seq_start, but the sequencer will wait
for overflow of the frequency divider that feeds all
the switched-cap filters. This means 1) That it
could take anything between 0 and 8 ms before
the sequencer actually starts. 2) That the
generated frequencies are in phase with the
sequencer. For this to have any effect, the
sequencer period should be selected with the
selected frequencies (sd_bw, hp_freq) in mind.
0
seq_start
0
R_PUSH
Writing 1 starts the sequencer(s) in the according
to the configuration and upon rising edge of
seq_start ADC selects first channel.
Writing 0 stops the sequencer(s).
In manual mode, writing 1 starts one ADC
conversion but does not initialize the ADC
channel selection. Reading returns 1 if the
sequencer is running (sequencer mode),
respectively if the ADC is converting (manual
mode)
With the SEQ_START register sets the configured sequencer can be started
SEQ_PER (Address 0x33)
Figure 45:
SEQ_PER Register
Addr: 0x33
SEQ_PER
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_period
0
RW
t_period
Sequencer period T = t_period * (seq_div+1) *
1 µs
The SEQ_PER register sets one measurement cycle of the sequencer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com