Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 38Page - ams-OSRAM AG AS7038RB Datasheet HTML 39Page - ams-OSRAM AG AS7038RB Datasheet HTML 40Page - ams-OSRAM AG AS7038RB Datasheet HTML 41Page - ams-OSRAM AG AS7038RB Datasheet HTML 42Page - ams-OSRAM AG AS7038RB Datasheet HTML 43Page - ams-OSRAM AG AS7038RB Datasheet HTML 44Page - ams-OSRAM AG AS7038RB Datasheet HTML 45Page - ams-OSRAM AG AS7038RB Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 41
PD_AMPCFG Register (Address 0x1e)
Figure 35:
PD_AMPCFG Register
Addr: 0x1e
PD_AMPCFG
Bit
Bit Name
Default
Access
Bit Description
7
pd_amp_en
0
RW
0: Activates power down mode of photo-amplifier
1: Enables photo-amplifier (direct or automatic
pd_amp_auto mode) also set en_bias_ofe=1
6
pd_amp_auto
0
RW
0: Normal TIA mode
1: Enable TIA only when seq_itg is set (i.e.
controlled by sequencer itg setting) also set
en_bias_ofe=1
5:2
pd_ampvo
1
RW
OpAmp offset Can be used to limit signal in
darkness and to shorten rise times
1:0
pd_ampcomp
3
RW
OpAmp compensation, depending on gain and
number of used photo diodes Capacitor =
pd_ampcap*0.1 pF
PD_THRESHCFG Register (Address 0x1f)
Figure 36:
PD_THRESHCFG Register
Addr: 0x1f
OFE1_PD_THCF
Bit
Bit Name
Default
Access
Bit Description
7:4
ofe1_pd_clipdetect_h_thresh
0
RW
If the voltage on the output of the TIA
exceed this threshold the
irq_clipdetect interrupt is asserted. The
threshold is defined as
0: 1824 mV
1: 1748 mV
2: 1672 mV
3: 1596 mV
4: 1520 mV
5:1444 mV
6: 1368 mV
7: 1292 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com