Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 81 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 81 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 77Page - ams-OSRAM AG AS7038RB Datasheet HTML 78Page - ams-OSRAM AG AS7038RB Datasheet HTML 79Page - ams-OSRAM AG AS7038RB Datasheet HTML 80Page - ams-OSRAM AG AS7038RB Datasheet HTML 81Page - ams-OSRAM AG AS7038RB Datasheet HTML 82Page - ams-OSRAM AG AS7038RB Datasheet HTML 83Page - ams-OSRAM AG AS7038RB Datasheet HTML 84Page - ams-OSRAM AG AS7038RB Datasheet HTML 85Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 80
LTF_THRESHOLD_HIGH0 (Address 0x6e)
Figure 101:
LTF_THRESHOLD_HIGH0 Register
Addr: 0x6e
LTF_THRESHOLD_HIGH0
Bit
Bit Name
Default
Access
Bit Description
7:0
ltf_threshold_high[7:0]
FF
RW
If LTF returns a value below
ltf_threshold_high (not equal), then the
ltf_threshold_high interrupt can be
triggered.
LTF_THRESHOLD_HIGH1 (Address 0x6f)
Figure 102:
LTF_THRESHOLD_HIGH1 Register
Addr: 0x6f
LTF_THRESHOLD_HIGH1
Bit
Bit Name
Default
Access
Bit Description
7:0
ltf_threshold_high[15:8]
FF
RW
If LTF returns a value below
ltf_threshold_high (not equal), then the
ltf_threshold_high interrupt can be
triggered.
7.1.14
Electrical Analog Front End
The electrical analog front end consists of three identical signal paths with independent settings of
bias condition, gain and offset. Four general purpose pins and ECG_REF can be used either as
configurable GPIO pin or as analog input pins for the electrical analog front end. The analog inputs
can be configured to setup different amplifier topologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com