Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG AS7038RB Datasheet HTML 19Page - ams-OSRAM AG AS7038RB Datasheet HTML 20Page - ams-OSRAM AG AS7038RB Datasheet HTML 21Page - ams-OSRAM AG AS7038RB Datasheet HTML 22Page - ams-OSRAM AG AS7038RB Datasheet HTML 23Page - ams-OSRAM AG AS7038RB Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
Document Feedback
AS7038RB
Register Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 19
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0X6C
LTF_THRESH
OLD_LOW0
ltf_threshold_low[7:0]
0X6D
LTF_THRESH
OLD_LOW1
ltf_threshold_low[15:8]
0X6E
LTF_THRESH
OLD_HIGH0
ltf_threshold_High[7:0]
0X6F
LTF_THRESH
OLD_HIGH1
ltf_threshold_lhigh15:8]
0X70
EAF_CFG
Do not
use
Do not
use
Do not
use
Do not
use
afe_ena
b
afe_enab
_dac
afe_enab
_dac_buf
afe_ena
b_gainst
age
0X80
EAF_GST
gpio_gst_in[2:0]
gst_ref[1:0]
gst_gain[2:0]
0X81
EAF_BIAS
gpio_r_bias[2:0]
Not used
Not used
Not used
Not used
Not used
0X82
EAF_DAC
Do not
use
Do not
use
Do not
use
sigref_on
_dac_buf
measure
_dac
gpio_dac[2:0]
0X83
EAF_DAC1_L
dac1_value[]
Not used
Not used
Not used
Not used
Not used
Not used
0X84
EAF_DAC1_H
dac1_value[9:2]
0X85
EAF_DAC2_L
dac2_value[1:0]
Not used
Not used
Not used
Not used
Not used
Not used
0X86
EAF_DAC2_H
dac2_value[9:2]
0X87
EAF_DAC_CF
G
Not used
Not used
Not used
Not used
Not used
Not used
dac_mode[1:0]
0X5A
OFE_NOTCH
Not used
ofe2_not
ch_sel60
ofe2_not
ch_byp
ofe2_not
ch_en
Not used
ofe1_not
ch_sel60
ofe1_not
ch_byp
ofe1_not
ch_en
0X5B
ECG_MODE
ecg_notc
h_sel60
ecg_hp_mode[2:0]
ecg_gain_g2[1:0]
ecg_gain_g1[1:0]
0X5C
ECG_CFGA
ecg_en
ecg_clk_
off
ecg_gain
_byp
ecg_lp_b
yp
ecg_notc
h_byp
ecg_diff_
byp
ecg_hp_byp[1:0]
0X5D
ECG_CFGB
ecg_fast
_startup
ecg_lp_freq[1:0]
ecg_hp_freq[1:0]
ecg_gain_g[2:0]
0X6A
ECG_THRES
HOLD_LOW
ecg_threshold_low[7:0]
0X6B
ECG_THRES
HOLD_HIGH
ecg_threshold_high[7:0]
0X5E
ECG_CFGC
Not used
Not used
Not used
Not used
Not used
Not used
ecg_low
_leakage
_en
ecg_ref_
en
0X5F
ECG_CFGD
Not used
Not used
Not used
ecg_lead
sdet_syn
c_adc
ecg_lead
sdet_pol
ecg_leadsdet_curr[1:
0]
ecg_lead
sdet_en
0X68
ADC_THRES
HOLD
adc_threshold[7:0]
0X69
ADC_THRES
HOLD_CFG
Not used
Not used
Not used
Not used
Not used
Not used
adc_thre
sh_differ
ential
adc_thre
sh_tiaonl
y
0X88
ADC_CFGA
Not used
Not used
Not used
Not used
adc_multi_n[2:0]
adc_mult
imode
0X89
ADC_CFGB
Not used
Not used
adc_clock[2:0]
adc_calib
ration
ulp
adc_en
0X8A
ADC_CFGC
Not used
Not used
Not used
adc_self
pd
adc_disc
harge
adc_settling_time[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com