Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 63Page - ams-OSRAM AG AS7038RB Datasheet HTML 64Page - ams-OSRAM AG AS7038RB Datasheet HTML 65Page - ams-OSRAM AG AS7038RB Datasheet HTML 66Page - ams-OSRAM AG AS7038RB Datasheet HTML 67Page - ams-OSRAM AG AS7038RB Datasheet HTML 68Page - ams-OSRAM AG AS7038RB Datasheet HTML 69Page - ams-OSRAM AG AS7038RB Datasheet HTML 70Page - ams-OSRAM AG AS7038RB Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 66
OFE1_CFGA (Address 0x54)
Figure 80:
OFE1_CFGA Register
Addr: 0x54
OFE1_CFGA
Bit
Bit Name
Default
Access
Bit Description
7
ofe1_sd_pol_init
0
RW
The low level driver shall ensure that this register
is 0 if one of the seq_sdm pulses is first, and is 1
if the seq_sdp is first within a sequence.
6
ofe1_sd_en
0
RW
0: Power down of the synchronous demodulator
1: Enable synchronous demodulator
5
ofe1_hp_en
0
RW
0: Power down of the high pass filter
1: Enable high pass filter
4
ofe1_gain_en
0
RW
0: Power down of the gain stage
1: Enable gain stage
3
ofe1_sd_byp
0
RW
0: Synchronous demodulator is used
1: Synchronous demodulator is bypassed
2
ofe1_hp_byp
0
RW
0: HP filter is used
1: HP filter is bypassed
1
ofe1_gain_byp
0
RW
0: Gain stage is used
1: Gain stage is bypassed
0
ofe1_sd_hld
0
RW
SD hold
0: Output of synchronous demodulator is forced
to SIGREF if not set to +1 or -1
1.
1: Output of synchronous demodulator is
tristated if not set to +1 or -1
OFE1_CFGB (Address 0x55)
Figure 81:
OFE1_CFGB Register
Addr: 0x55
OFE1_CFGB
Bit
Bit Name
Default
Access
Bit Description
7:5
ofe1_gain_g
0
RW
Gain for synchronous demodulator 1.
Setting
Gain
0
1
1
2
2
4
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com