Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 53Page - ams-OSRAM AG AS7038RB Datasheet HTML 54Page - ams-OSRAM AG AS7038RB Datasheet HTML 55Page - ams-OSRAM AG AS7038RB Datasheet HTML 56Page - ams-OSRAM AG AS7038RB Datasheet HTML 57Page - ams-OSRAM AG AS7038RB Datasheet HTML 58Page - ams-OSRAM AG AS7038RB Datasheet HTML 59Page - ams-OSRAM AG AS7038RB Datasheet HTML 60Page - ams-OSRAM AG AS7038RB Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 56
SD_SUBS (Address 0x45)
Figure 63:
SD_SUBS Register
Addr: 0x45
SD_SUBS
Bit
Bit Name
Default
Access
Bit Description
7:0
sd_subs
0
RW
Synchronous demodulator subsampling ratio
between sequencer frequency and ADC
sampling frequency.
ADC-Fsample =
Sequencyer_Frequency/(sd_subs+1)
When setting to 0, then in every sequencer
iteration the ADC will run.
When setting to 1, then the first sequencer
iteration will not trigger the ADC, but the second
one will.
Setting to N will make N iterations without ADC,
followed by one iteration with the ADC
measurement executed.
It is recommended to use the ADC interrupt in
this case and not the sequencer interrupt.
Also see sd_subs_always which significantly
affects this mechanism.
SEQ_CFG (Address 0x46)
Figure 64:
SEQ_CFG Register
Addr: 0x46
SEQ_CFG
Bit
Bit Name
Default
Access
Bit Description
7:1
Not used
0
RW
Not used
0
sd_subs_always
0
RW
If this bit is asserted, all sequencer periods are
subject to subsampling as defined in SD_SUBS.
If this bit is zero, then only the first period of an
"ADC cycle" is duplicated sd_subs times, all
other periods are regular.
One "ADC cycle" is the time from the sequence
in which adc_sel is pointing to the "smallest" adc
channel up and including the sequence of the
"largest" adc channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com