Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 58Page - ams-OSRAM AG AS7038RB Datasheet HTML 59Page - ams-OSRAM AG AS7038RB Datasheet HTML 60Page - ams-OSRAM AG AS7038RB Datasheet HTML 61Page - ams-OSRAM AG AS7038RB Datasheet HTML 62Page - ams-OSRAM AG AS7038RB Datasheet HTML 63Page - ams-OSRAM AG AS7038RB Datasheet HTML 64Page - ams-OSRAM AG AS7038RB Datasheet HTML 65Page - ams-OSRAM AG AS7038RB Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 61
High Pass Filter
Two optional high pass filter can be used to remove unwanted DC-components from the signal and
allows further amplification. In order to guarantee fast settling times of the filter, four cutoff frequencies
can be chosen.
Gain Stage
Two optional gain stage can be used to amplify the signal after the DC-component has been removed.
Figure 75:
Optical Signal Conditioning Signal Path (25 Hz LED sampling rate example)
The LED that is periodically turned ON and OFF, samples the cardio-vascular pulse wave. The
photodiode measures the reflected light that is modulated by the LED sampling frequency (25Hz in the
examples Figure 75). Unwanted ambient light or glass reflected LED light is not modulated. The signal
can be sent to the Pre-filter Block where an anti-aliasing filter removes the high frequency noise,
followed by a high pass filter that removes the low frequency noise and unwanted dc light. After the
Synchronous demodulator demodulates the signal it is filtered and amplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com