Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 22Page - ams-OSRAM AG AS7038RB Datasheet HTML 23Page - ams-OSRAM AG AS7038RB Datasheet HTML 24Page - ams-OSRAM AG AS7038RB Datasheet HTML 25Page - ams-OSRAM AG AS7038RB Datasheet HTML 26Page - ams-OSRAM AG AS7038RB Datasheet HTML 27Page - ams-OSRAM AG AS7038RB Datasheet HTML 28Page - ams-OSRAM AG AS7038RB Datasheet HTML 29Page - ams-OSRAM AG AS7038RB Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 25
Addr: 0x10
LED_CFG
Bit
Bit Name
Default
Access
Bit Description
6
sigref_ecg_voltage
0
RW
Voltage setting of SIGREF_ECG
– datasheet
parameters are guaranteed only for default
value of 0.9 V
Setting
Voltage
0
0.9 V (default)
1
0.8 V
5:4
sigref_ofe_voltage
0
RW
Voltage setting of SIGREF
– datasheet
parameters are guaranteed only for default
value of 0.6 V.
Setting
IMAX
00
0.6 V (default)
01
0.7 V
10
0.8 V
11
0.9 V
3
led4_en
0
RW
0: Disables LED4 output source.
1: Enables LED4 output source.
2
led3_en
0
RW
0: Disables LED3 output source.
1: Enables LED3 output source.
1
led2_en
0
RW
0: Disables LED2 output source.
1: Enables LED2 output source.
0
led1_en
0
RW
0: Disables LED1 output source.
1: Enables LED1 output source.
The LED_CURR defines the LED output current.
LED_WAIT_LOW Register (Address 0x11)
Figure 12:
LED_WAIT_LOW Register
Addr: 0x11
LED_WAIT_LOW
Bit
Bit Name
Default
Access
Bit Description
7:0
Led_wait_low
0
RW
Time = led_wait_low *1
μs
LED_WAIT_LOW defines the time between the switching on of an LED and the beginning of voltage
monitoring. All LEDs use the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com