Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 74 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 74 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 70Page - ams-OSRAM AG AS7038RB Datasheet HTML 71Page - ams-OSRAM AG AS7038RB Datasheet HTML 72Page - ams-OSRAM AG AS7038RB Datasheet HTML 73Page - ams-OSRAM AG AS7038RB Datasheet HTML 74Page - ams-OSRAM AG AS7038RB Datasheet HTML 75Page - ams-OSRAM AG AS7038RB Datasheet HTML 76Page - ams-OSRAM AG AS7038RB Datasheet HTML 77Page - ams-OSRAM AG AS7038RB Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 73
LTFDATA1_H (Address 0x23)
Figure 90:
LTFDATA1_H Register
Addr: 0x23
LTFDATA1_H
Bit
Bit Name
Default
Access
Bit Description
7:0
ltfdata1[15:8]
0
RO
LTF result channel 1 high byte
ITIME (Address 0x24)
Figure 91:
ITIME Register
Addr: 0x24
ITIME
Bit
Bit Name
Default
Access
Bit Description
7:0
itime
0
RW
LTF integration time. MODCLK is 2/3 MHz
(666.67 kHz). One LSB of itime is 3.072 ms
(2048 MODCLK cycles).
0=3.072 ms
...
255=786.432 ms
Using the itime_unit register (see below), the
unit of itime can be reduced by 2, 4, or 8. This
shorter integration times can be selected
(required for flicker detection), but it can also be
used to increase the resolution of itime. For
example, if 50ms integration time are desired,
the best value for regular itime would be 15
(=16 periods=49.152 ms). However, but setting
itime_unit=2 (LSB=768
s), one can select 64
(=65 periods=49.9 ms)
Warning: Selecting an integration time smaller
than 3.072 ms will reduce the resolution of the
conversion, as the maximum ltfdata value is not
1024 (10 bits) anymore, but 512 (9 bits) in case
of 1.536 ms integration time, 256 (8 bits) for
768 µs and 128 (7 bits) for 384 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com