Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 96 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 96 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 92Page - ams-OSRAM AG AS7038RB Datasheet HTML 93Page - ams-OSRAM AG AS7038RB Datasheet HTML 94Page - ams-OSRAM AG AS7038RB Datasheet HTML 95Page - ams-OSRAM AG AS7038RB Datasheet HTML 96Page - ams-OSRAM AG AS7038RB Datasheet HTML 97Page - ams-OSRAM AG AS7038RB Datasheet HTML 98Page - ams-OSRAM AG AS7038RB Datasheet HTML 99Page - ams-OSRAM AG AS7038RB Datasheet HTML 100Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 95
Addr: 0x5f
ECG_CFGD
Bit
Bit Name
Default
Access
Bit Description
4
ecg_leadsdet_sync_adc
0
RW
ECG Leads Detection Automatic
Update. If this is asserted, then
ecg_leadsdet_pol is inverted
automatically at the start of a sequence
(at count=2) if in this sequence the
ADC will convert the ECGi channel.
3
ecg_leadsdet_pol
0
RW
ECG Leads Detection Polarity. Can be
written to manually if
ecg_leadsdet_sync_adc is clear,
otherwise it is automatically toggled.
2:1
ecg_leadsdet_curr
0
RW
ECG Leads Detection Current
Setting
Current
0
20 nA
1
100 nA
2
500 nA
3
1 µA
0
ecg_leadsdet_en
0
RW
ECG Leads Detection Enable
ECG_THRESHOLD_LOW (Address 0x6a)
Figure 127:
ECG_THRESHOLD_LOW Register
Addr: 0x6a
ECG_THRESHOLD_LOW
Bit
Bit Name
Default
Access
Bit Description
7:0
ecg_threshold_low
0
RW
If the ADC returns an ECG value below
agc_threshold_low (not equal) at
ecg_leadsdet_pol=0, then the lead_off
interrupt can be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com