Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 60Page - ams-OSRAM AG AS7038RB Datasheet HTML 61Page - ams-OSRAM AG AS7038RB Datasheet HTML 62Page - ams-OSRAM AG AS7038RB Datasheet HTML 63Page - ams-OSRAM AG AS7038RB Datasheet HTML 64Page - ams-OSRAM AG AS7038RB Datasheet HTML 65Page - ams-OSRAM AG AS7038RB Datasheet HTML 66Page - ams-OSRAM AG AS7038RB Datasheet HTML 67Page - ams-OSRAM AG AS7038RB Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 63
OFE1_SD_THCFG (Address 0x51)
Figure 77:
OFE1_SD_THCFG Register
Addr: 0x51
OFE1_SD_THCFG
Bit
Bit Name
Default
Access
Bit Description
7:4
ofe1_sd_clipd_h_thresh
0
RW
If the voltage on the output of the
gain_sd stage of OFE1 (input of
synchronous demodulator) exceed
this threshold the irq_clipdetect
interrupt is asserted. The threshold is
defined as:
0: 1824 mV
1: 1748 mV
2: 1672 mV
3: 1596 mV
4: 1520 mV
5: 1444 mV
6: 1368 mV
7: 1292 mV
8: 1216 mV
9: 1140 mV
10: 1064 mV
11: 988 mV
12: 912 mV
13: 836 mV
14: 760 mV
15: 684 mV
3:0
ofe1_sd_clipd_l_thresh
0
RW
If the voltage on the output of the
gain_sd stage OFE 1 (input of
synchronous demodulator) falls
below this threshold the
irq_clipdetect interrupt is asserted.
The threshold is defined as:
0: 67 mV
1: 143 mV
2: 219 mV
3: 295 mV
4: 371 mV
5: 447 mV
6: 523 mV
7: 599 mV
8: 675 mV
9: 751 mV
10: 827 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com