Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG AS7038RB Datasheet HTML 19Page - ams-OSRAM AG AS7038RB Datasheet HTML 20Page - ams-OSRAM AG AS7038RB Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
Document Feedback
AS7038RB
Register Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 16
6
Register Description
6.1
Register Overview
Figure 8:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Register Type 1
0x0F
GPIO_SYNC
Not used
Not used
Not used
Not used
Not used
gpio_edg
e
goio_select[1:0]
0x10
LED_CFG
sigref_en
sigref__e
cg_volta
ge
sigref_ofe_voltage[1:
0]
led4_en
led3_en
led2_en
led1_en
0X11
LED_WAIT_L
OW
led_wait_low[7:0]
0X12
LED1_CURRL
Curr1[1:0]
Not used
Not used
Not used
Not used
Not used
cs1_boo
st
0X13
LED1_CURR
H
Curr1[9:2]
0X14
LED2_CURRL
Curr2[1:0]
Not used
Not used
Not used
Not used
Not used
cs2_boo
st
0X15
LED2_CURR
H
Curr2[9:0]
0X16
LED3_CURRL
Curr3[1:0]
Not used
Not used
Not used
Not used
Not used
cs3_boo
st
0X17
LED3_CURR
H
Curr3[9:2]
0X18
LED4_CURRL
Curr4[1:0]
Not used
Not used
Not used
Not used
Not used
cs4_boo
st
0X19
LED4_CURR
H
Curr4[9:2]
0X2C
LED12_MOD
E
Man-
sw_led2
Led2_mode[2:0]
Man_sw
_led1
Led1_mode[2:0]
0X2D
LED34_MOD
E
Man-
sw_led4
Led4_mode[2:0]
Man-
sw_led3
Led3_mode[2:0]
0X2E
MAN_SEQ_C
FG
man_mo
de
man_sw
_sdmult
man_sw
_sdpol
man_sw
_itg
diode_ctrl[2:0]
seq_en
0X1A
PD_CFG
Not used
pd_boost
pd4
pd3
pd2
pd1
pd_i1
pd_i0
0X1B
PDOFFX_LE
DOFF
pdoffx_ledoff[7:0]
0X1C
PDOFFX_LE
DON
pdoffx_ledon[7:0]
0X1D
PD_AMPRCC
FG
pd_ampres[2:0]
pd_ampcap[4:0]
0X1E
PD_AMPCFG
pd_amp_
en
pd_amp_
auto
pd_ampvo[3:0]
pd_ampcomp[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com