Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 42Page - ams-OSRAM AG AS7038RB Datasheet HTML 43Page - ams-OSRAM AG AS7038RB Datasheet HTML 44Page - ams-OSRAM AG AS7038RB Datasheet HTML 45Page - ams-OSRAM AG AS7038RB Datasheet HTML 46Page - ams-OSRAM AG AS7038RB Datasheet HTML 47Page - ams-OSRAM AG AS7038RB Datasheet HTML 48Page - ams-OSRAM AG AS7038RB Datasheet HTML 49Page - ams-OSRAM AG AS7038RB Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 45
Information
The integration time tINT is defined either by the sequencer (man_mode=0) of manually
through the bit sw_itg if man_mode=1. For the synchronous demodulator only use the
resistive feedback.
7.1.8
Optical Front End Operating Modes
Once the photodiode amplifier is configured the measurement can be done in two different ways.
Either the LED-outputs, the photodiode amplifier and the ADC are controlled manually by means of
register bits, or they are controlled by a built in sequencer.
Manual Operation of the Optical Frontend:
The optical front end can be manually controlled via the register man_mode=1
Figure 39:
Optical Frontend
(1)
Applies only if man_mode=1
For manual operation of the LEDs and its current sinks see 7.1.1 LED-Driver
7.1.9
Sequencer
In order to synchronize the LED-currents, the integration time and the ADC-sampling time, a built in
sampling sequencers can be used. The sequencer generates the 8-bit-timings based on a 1 µs clock
pd_ampcap
pd_ampres
pd_amp_en
man_sw_itg
pd1
pd2
pd3
pd4
pdi_1
pdi_0
ADC
adc_channel_mask_tia
is set?
Start conversion:
seq_en=1
End of conversion: seq_en returns to 0
pdoffx
pdoffx_ledon
any LED on?
GPIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com