Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 4Page - ams-OSRAM AG AS7038RB Datasheet HTML 5Page - ams-OSRAM AG AS7038RB Datasheet HTML 6Page - ams-OSRAM AG AS7038RB Datasheet HTML 7Page - ams-OSRAM AG AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
Document Feedback
AS7038RB
Pin Assignment
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 7
3
Pin Assignment
3.1
Pin Diagram
Figure 3:
Pinout - Top View
3.2
Pin Description
Figure 4:
Pin Description of AS7038RB
Pin Number
Pin Name
Pin Type(1)
Description
1
VD1
AI
Connection to current sink 1
2
GND
G
Power supply ground. All voltages are
referenced to GND.
13 GPIO0
14 GPIO1
15 GPIO2
16 GPIO3
17 V_LDO
18 AGND
VD1 1
SIGREF_ECG 4
SIGREF 3
ECG_INN 6
ECG_REF 7
Sensor
GND 2
ECG_INP 5
12 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com