Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 30Page - ams-OSRAM AG AS7038RB Datasheet HTML 31Page - ams-OSRAM AG AS7038RB Datasheet HTML 32Page - ams-OSRAM AG AS7038RB Datasheet HTML 33Page - ams-OSRAM AG AS7038RB Datasheet HTML 34Page - ams-OSRAM AG AS7038RB Datasheet HTML 35Page - ams-OSRAM AG AS7038RB Datasheet HTML 36Page - ams-OSRAM AG AS7038RB Datasheet HTML 37Page - ams-OSRAM AG AS7038RB Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 33
LEDSTATUS Register (Address 0xa3)
Figure 24:
LEDSTATUS Register
Addr: 0xa3
LEDSTATUS
Bit
Bit Name
Default
Access
Bit Description
7:4
NA
0
RO
Not used
3
led4_supply_low
0
RO
If this bit is asserted, LED4 voltage has been too
low.
2
led3_supply_low
0
RO
If this bit is asserted, LED3 voltage has been too
low.
1
led2_supply_low
0
RO
If this bit is asserted, LED2 voltage has been too
low.
0
led1_supply_low
0
RO
If this bit is asserted, LED1 voltage has been too
low.
An asserted bit can be cleared by either writing a '1' to the STATUS.clipdetect bit (in normal mode) or
by reading the CLIPSTATUS register (clear on read mode)
7.1.3
Photodiode Selection
In order to have flexible arrangement of the use photodiodes, PD1-PD4 can be individually connected
to the photodiode amplifier input. The optional offset current allows cancellation of constant light
sources like sunlight. In case of an external photodiode or any other sensor with (low) current output,
the pins GPIO0 and GPIO1 can be used as input.
Additionally the sequencer can control the diodes
– see diode_ctrl described in register
MAN_SEQ_CFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com