Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 9Page - ams-OSRAM AG AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
Document Feedback
AS7038RB
Electrical Characteristics
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ADC sampling at 20 Hz
with 64
μs settling time
4.5
μA
ECG amplifier and
frontend (need SIGREF
enabled)
190
μA
ECG leakage
compensation
(ecg_low_leakage_en=1),
low pass filter, high pass
filter and gain stage
151
μA
Power down, no I²C
communication possible
ENABLE=GND(2)
0.5
μA
VOL
GPIO0-3,
INT, SDA
output low
voltage
With 3 mA load
With 6 mA load
0
0
0.4
0.8
V
VOH
GPIO0-3
output high
voltage
With 3 mA load
2.3
VDD
V
VIH
GPIO0-3,
SCL, SDA,
ENABLE
input high
voltage
1.25
V
VIL
GPIO0-3,
SCL, SDA,
ENABLE
input low
voltage
0.54
V
ILEAK1
GPIO0-3,
SCL, SDA,
ENABLE, INT
-1
1
μA
ILEAK2
VD1, VD2
VD3, VD4
-3
3
μA
E_f2M
Tolerance of
internal
2 MHz
oscillator
0 ºC to 70 ºC, VDD<5.0 V
-2
2
%
-30 ºC to 70 ºC
-4
2
%
ECG Amplifier and Filter
ILEAK_ECG
ECG pins
leakage
current
Lab evaluation shows
<±20 nA maximum
leakage current. Not
production tested.
±1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com