Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7038RB Datasheet HTML 1Page - ams-OSRAM AG AS7038RB Datasheet HTML 2Page - ams-OSRAM AG AS7038RB Datasheet HTML 3Page - ams-OSRAM AG AS7038RB Datasheet HTML 4Page - ams-OSRAM AG AS7038RB Datasheet HTML 5Page - ams-OSRAM AG AS7038RB Datasheet HTML 6Page - ams-OSRAM AG AS7038RB Datasheet HTML 7Page - ams-OSRAM AG AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
Document Feedback
AS7038RB
General Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 3
1
General Description
The operation of the AS7038RB is based on photoplethysmography (PPG) and electrocardiogram
(ECG). PPG is the most used HRM method, which measures the pulse rate by sampling light
modulated by the blood vessels, which expand and contract as blood pulses through them. PPG is
also used to measure the blood oxygen saturation (SpO2). ECG is the reference for any measurement
of the bio potential generated by the heart.
Embedded ECG analog front end satisfies IEC 60601-2-47 requirements.
The solution includes LED drivers, photo-sensor, analog front-end (AFE) and sequencer as well as
application software. In addition, the device also enables skin temperature and skin resistivity
measurements by providing interfaces to external sensors.
Compare to ams previous generation AS7038RB has 250% larger photodiode with lower LEDs driving
current to achieve the high PPG performances.
The AS7038RB
’s low-power design and small form factor is particularly well suited to application in
earbuds, fitness bands, smart watches, sports watches and smart patches, in which board space is
limited and in which users look for extended, multi-day intervals between battery recharges. Thin
package dimension makes the AS7038RB suitable for height constrained solution likes earbuds or
smart patches. Photodiode filter centered on red and infra-red wavelengths and embedded ADC make
the AS7038RB suitable for disposable Pulse Oximeter solution.
1.1
Key Benefits & Features
The benefits and features of AS7038RB, Biosensor Solution with Embedded ECG Channel, are listed
below:
Figure 1:
Added Value of Using AS7038RB
Benefits
Features
Address all skin types
Improved optical path
Higher optical SNR
250% larger embedded photodiode
Allows smallest application size e.g. narrow
HRM measurement band
Compact device integrated PD and analog front
end
Electrocardiogram ECG with dry electrodes
Embedded low noise analog front end for ECG
signals acquisition fulfill IEC 60601-2-47
Enabling SpO2 measurements
RED and IR dedicated embedded PD filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com