Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
Document Feedback
AS7038RB
Electrical Characteristics
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 11
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods.
Figure 6:
Electrical Characteristics of AS7038RB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply
voltage
2.7
3.8
5.5
V
TAMB
Operating
free-air
temperature
−30
70
°C
IDD
Supply
current
ENABLE=VDD,
ldo_en=0;
osc_en=0; internal LDO
operating in low power
mode
– only I²C
communication possible,
no blocks shall be
enabled (1)
22
μA
ENABLE=VDD,
ldo_en=1;
osc_en=0; internal LDO
operating and bandgap
running
– I²C
communication possible,
analog blocks can be
enabled(1)
32
μA
ENABLE=VDD,
ldo_en=1,
osc_en=1; internal LDO
operating and bandgap
and oscillator running
–
I²C communication
possible, analog blocks
can be enabled
86
μA
SIGREF buffer
(sigref_en=1)
52
μA
transimpedance amplifier
(pd_amp_en=1)
110
μA
Optical front end
operating (one channel)
200
μA
Gain stage
(ofe1_gain_en=1 or
ofe2_gain_en=1)
75
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com