Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 10Page - ams-OSRAM AG AS7038RB Datasheet HTML 11Page - ams-OSRAM AG AS7038RB Datasheet HTML 12Page - ams-OSRAM AG AS7038RB Datasheet HTML 13Page - ams-OSRAM AG AS7038RB Datasheet HTML 14Page - ams-OSRAM AG AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 127 page
background image
Document Feedback
AS7038RB
Electrical Characteristics
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VNOISE_ECG
Input referred
noise
Gain=192 V/V, short
circuited inputs, sample
rate = 1000sps, BW
0.33 Hz÷100 Hz. Filtered
1.64
μVrms
LED Driver
ILED1/2/3/4
V_Dmin
LED output
current range
tolerance
LED current is adjustable
with 10 bits
– registers
curr1/2/3/4 csx_boost = 0
0
100
mA
LED current is adjustable
with 10 bits
– registers
curr1/2/3/4 csx_boost = 1
200
mA
At 35 mA output current
(currX[9:0]=166 h,
X=1…4), VDD<5.0 V
-7
7
%
V_Dmin
Min output
voltage
compliance
csx_boost = 0
0.3
V
csx_boost = 1
0.7
V_Dmax
Max output
voltage
compliance
5.5
V
Photodiode
Area
Photodiode
area
2.5
mm2
RePD1-4
Irradiance
responsivity
photodiode
PD1…PD4
Wavelength = 550 nm;
4 photodiodes (PD1 -
PD4) connected
together; TIA resistor
(pd_ampres) = 3 MΩ
212
Counts/
(µW/cm2)
Irradiance
responsivity
photodiode B
Wavelength = 940 nm;
TIA resistor (pd_ampres)
= 3 MΩ
11
Id
Dark current
Ee=0, TAMB =25 °C
0
1
nA
Ios
Extrapolated
offset current
TAMB =25 °C
-1
1
nA
ADC
Vref
ADC
reference
voltage
1.6
V
Nbit
Resolution
14
Bit
INL
Relative
accuracy
TAMB =25 °C
-8
8
LSB
DNL(3)
Differential
nonlinearity
TAMB =25 °C
1.5
LSB
Offset error
TAMB =25 °C
-8
8
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com