Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 43Page - ams-OSRAM AG AS7038RB Datasheet HTML 44Page - ams-OSRAM AG AS7038RB Datasheet HTML 45Page - ams-OSRAM AG AS7038RB Datasheet HTML 46Page - ams-OSRAM AG AS7038RB Datasheet HTML 47Page - ams-OSRAM AG AS7038RB Datasheet HTML 48Page - ams-OSRAM AG AS7038RB Datasheet HTML 49Page - ams-OSRAM AG AS7038RB Datasheet HTML 50Page - ams-OSRAM AG AS7038RB Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 46
which can be pre-scaled with seq_div. The results of the analog to digital conversion are automatically
stored in a pipeline buffer or in register adc_data and the ADC FIFO.
The timings can be programmed with following registers (apply for man_mode=0):
Figure 40:
Timing Registers
Register
Description
seq_div
Divider of the 1 µs input clock for all sequencer timings
seq_count
Number of measurements in one sequence
seq_start
Writing 1 starts the sequencer, 0 stops the sequencer
seq_period
Time of one measurement cycle
seq_led_start
Start time of the LED drivers within one cycle
seq_led_stop
Stop time of the LED drivers within one cycle
seq_secled_start
Start time of the secondary LED drivers within one cycle (used for SpO2)
seq_secled_stop
Stop time of the secondary LED drivers within one cycle (used for SpO2)
seq_itg_start
Start time of the integrator
seq_itg_stop
Stop time of the integrator
seq_sdp1_start
Start time of the synchronous demodulator’s 1 positive multiplication
seq_sdp1_stop
Stop time of the synchronous demodulator’s 1 positive multiplication
seq_sdm1_start
Start time of the synchronous demodulator’s 1 negative multiplication
seq_sdm1_stop
Stop time of the synchronous demodulator’s 1 negative multiplication
seq_sdp2_start
Start time of the synchronous demodulator’s 2 positive multiplication
seq_sdp2_stop
Stop time of the synchronous demodulator’s 2 positive multiplication
seq_sdm2_start
Start time of the synchronous demodulator’s 2 negative multiplication
seq_sdm2_stop
Stop time of the synchronous demodulator’s 2 negative multiplication
seq_adc
Sampling position of the ADC
seq_adc2tia,
seq_adc3tia
If the TIA channel is selected allow a second (and third) conversion within this cycle.
sd_subs,
sd_subs_always
Synchronous demodulator subsampling ratio between sequencer frequency and ADC
sampling frequency.
ulp
Ultra low power bit for the sequencer. If this bit is set and sd_subs>0, it disables the LED
pulses and powers off the TIA in all sequences but the one where the TIA is sampled. This bit
can be used to optimize the power consumption of the LEDs and the AS7038RB (This bit is
located in ADC_CFGB Register bit 1)
irq_adc_timing_error
The sequencer setup caused a timing error on ADC conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com