Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 37Page - ams-OSRAM AG AS7038RB Datasheet HTML 38Page - ams-OSRAM AG AS7038RB Datasheet HTML 39Page - ams-OSRAM AG AS7038RB Datasheet HTML 40Page - ams-OSRAM AG AS7038RB Datasheet HTML 41Page - ams-OSRAM AG AS7038RB Datasheet HTML 42Page - ams-OSRAM AG AS7038RB Datasheet HTML 43Page - ams-OSRAM AG AS7038RB Datasheet HTML 44Page - ams-OSRAM AG AS7038RB Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 40
pd_ampres
pd1234(1)
pd_ampcap
pd_ampcomp
pd_ampvo
gain
Low Bandwidth Mode
5
1…4
31
3
15
7 V/µA
Integrating Mode (pd_ampres=0)
0
1…4
10
3
15
1 V/pQ
0
1…4
20
3
15
1/2V/pQ
0
1…4
30
3
15
1/3V/pQ
(1)
pd1234 … number of active photodiodes (for example, pd1=1, pd2=0, pd3=1, pd4=0 -> pd1234=2)
7.1.6
Photodiode TIA Registers
PD_AMPRCCFG Register (Address 0x1d)
Figure 34:
PD_AMPRCCFG Register
Addr: 0x1d
PD_AMPRCCFG
Bit
Bit Name
Default
Access
Bit Description
7:5
pd_ampres
0
RW
Feedback resistor
Setting
Resistance
0
No resistor in feedback
of amplifier
–
photocurrent integrator
1
1
MΩ
2
2
MΩ
3
3
MΩ
4
5
MΩ
5
7
MΩ
6
10
MΩ
7
15
MΩ
4:0
pd_ampcap
Feedback capacitor =pd_ampcap * 0.1 pF
The PD_AMPCFG register is used to configure the operating mode of the photoamplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com