Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 103 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 103 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 99Page - ams-OSRAM AG AS7038RB Datasheet HTML 100Page - ams-OSRAM AG AS7038RB Datasheet HTML 101Page - ams-OSRAM AG AS7038RB Datasheet HTML 102Page - ams-OSRAM AG AS7038RB Datasheet HTML 103Page - ams-OSRAM AG AS7038RB Datasheet HTML 104Page - ams-OSRAM AG AS7038RB Datasheet HTML 105Page - ams-OSRAM AG AS7038RB Datasheet HTML 106Page - ams-OSRAM AG AS7038RB Datasheet HTML 107Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 102
Addr: 0x8b
ADC_CHANNEL_MASK_L
Bit
Bit Name
Default
Access
Bit Description
5
adc_channel_mask_temp
0
RW
Temperature measurement
4
adc_channel_mask_sd2
0
RW
Synchronous modulator 2 output just
before the gain stage
3
adc_channel_mask_ofe2
0
RW
Synchronous modulator 2 output after
the gain stage
2
adc_channel_mask_sd1
0
RW
Synchronous modulator 1 output just
before the gain stage
1
adc_channel_mask_ofe1
0
RW
Synchronous modulator 1 output after
the gain stage
0
adc_channel_mask_tia
0
RW
Trans-Impedance amplifier output
The adc channel is chosen automatically from the bits within the adc_channel_mask_* set. It starts
from right and finishes left (LSB->MSB) and wraps back from the most significant asserted bit to the
least significant of the asserted bits. After every ADC conversion it switches to the next enabled
channel, (except around the adc2tia/adc3tia cases). See register description FIFOH and FIFOL for
encoding of the first channel in the data stream.
This applies to both, manual mode and sequencer mode. In sequencer mode, it starts with the
smallest channel when the sequencer is being started. In manual mode, the adc_sel is reset with
every write to either ADC_CHANNEL_MASK_L or ADC_CHANNEL_MASK_H.
ADC_CHANNEL_MASK_H (Address 0x8c)
Figure 136:
ADC_CHANNEL_MASK_H Register
Addr: 0x8c
ADC_CHANNEL_MASK_H
Bit
Bit Name
Default
Access
Bit Description
7:4
Not used
0
RW
Not used
3
adc_channel_mask_gpio2
0
RW
GPIO2 input
– set gpio2_a=1 and
Write 0x47 to register 0xC6
Write 0x0C to register 0xC2
Write 0x0C to register 0xC3
2
adc_channel_mask_gpio3
0
RW
GPIO3 input
– set gpio3_a=1 and
Write 0x47 to register 0xC6
Write 0x0C to register 0xC2
Write 0x0C to register 0xC3
1
adc_channel_mask_ecgi
0
RW
ECG amplifier input
– use for leads off
detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com