Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 107 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 107 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 103Page - ams-OSRAM AG AS7038RB Datasheet HTML 104Page - ams-OSRAM AG AS7038RB Datasheet HTML 105Page - ams-OSRAM AG AS7038RB Datasheet HTML 106Page - ams-OSRAM AG AS7038RB Datasheet HTML 107Page - ams-OSRAM AG AS7038RB Datasheet HTML 108Page - ams-OSRAM AG AS7038RB Datasheet HTML 109Page - ams-OSRAM AG AS7038RB Datasheet HTML 110Page - ams-OSRAM AG AS7038RB Datasheet HTML 111Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 106
channel is transmitted. Then toggling can be stopped for up to 5 FIFO entries and the very first
stopping indicates the first ADC channel. To allow encoding of any number of ADC channels, the first
ADC channel encoding is dropped from time to time.
FIFOH (Address 0xff)
Figure 144:
FIFOH Register
Addr: 0xff
FIFOH
Bit
Bit Name
Default
Access
Bit Description
7:0
fifoh
0
PUSHPOP
High byte of FIFO
See Interrupts for the actual FIFO interrupt.
7.1.22
Digital Interface
After setting the pin ENABLE=1 the AS7038RB registers can be accessed by the I²C interface. Before
enabling any additional function (current source, TIA, ADC…) set the bit ldo_en=1 to set the internal
LDO to normal mode.
For operating the ADC or the sequencer enable the oscillator by setting osc_en=1
GPIO Pins
Figure 145:
GPIO Pin Diagram
VDD
GND
GPIO0...3
to analog
pullup/pulldown controlled
by gpio_p
enabled if gpio_a=0
gpio_i
enabled if gpio_e=1
gpio_o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com