Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 108 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 108 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 104Page - ams-OSRAM AG AS7038RB Datasheet HTML 105Page - ams-OSRAM AG AS7038RB Datasheet HTML 106Page - ams-OSRAM AG AS7038RB Datasheet HTML 107Page - ams-OSRAM AG AS7038RB Datasheet HTML 108Page - ams-OSRAM AG AS7038RB Datasheet HTML 109Page - ams-OSRAM AG AS7038RB Datasheet HTML 110Page - ams-OSRAM AG AS7038RB Datasheet HTML 111Page - ams-OSRAM AG AS7038RB Datasheet HTML 112Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 107
Interrupts
An interrupt output pin INT can be used to interrupt the host. Following interrupt sources are possible:
irq_adc: End of ADC conversion
irq_sequencer: End of sequencer sequence reached.
irq_ltf: A light-to-frequency conversion is finished.
irq_adc_threshold: ADC threshold triggered
– see ADC Threshold.
irq_fifothreshold: FIFO almost full (as defined in bit fifo_threshold)
irq_fifooverflow: FIFO overflow (error condition, data is lost)
irq_clipdetect: TIA output and/or SD output exceeded threshold
– see details in CLIPSTATUS
irq_led_supply_low: led supply low comparator triggered
– see details in LEDSTATUS
Depending on the setting in register INTENAB each of the above interrupt source can assert INT
output pin (active low).
7.2
I2C
The AS7038RB includes an I²C slave using an I²C address of 0x30 (7-bit format; R/W bit has to be
added) respectively 60 h (8-bit format for writing) and 61 h (8-bit format for reading). It expects
external pull-up resistors.
7.2.1
I2C Serial Interface
I2C Feature List
●
Fast mode (400 kHz) and standard mode (100 kHz) support
●
7+1-bit addressing mode
●
Write formats: Single-Byte-Write, Page-Write
●
Read formats: Current-Address-Read, Random-Read, Sequential-Read
●
SDA input delay and SCL spike filtering by integrated RC-components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com