Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB Datasheet(PDF) 112 Page - ams-OSRAM AG

Part # AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Datasheet(HTML) 112 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 108Page - ams-OSRAM AG AS7038RB Datasheet HTML 109Page - ams-OSRAM AG AS7038RB Datasheet HTML 110Page - ams-OSRAM AG AS7038RB Datasheet HTML 111Page - ams-OSRAM AG AS7038RB Datasheet HTML 112Page - ams-OSRAM AG AS7038RB Datasheet HTML 113Page - ams-OSRAM AG AS7038RB Datasheet HTML 114Page - ams-OSRAM AG AS7038RB Datasheet HTML 115Page - ams-OSRAM AG AS7038RB Datasheet HTML 116Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 111
Addr: 0x00
CONTROL
Bit
Bit Name
Default
Access
Bit Description
1
osc_en
0
RW
Enable the oscillator. The oscillator
must be enabled for any analog block
(ADC, sequencer, optical frontend,
sequencer); not mandatory for current
sinks or ECG amplifier
0
ldo_en
0
RW
If the EN input is not asserted, the chip
is in reset If asserted, I²C transactions
are possible. Upon assertion of
ldo_en, the reference and the LDO are
enabled The LDO must be enabled for
anything but plain I²C register
read/write
GPIO_A (Address 0x08)
Figure 153:
GPIO_A Register
Addr: 0x08
GPIO_A
Bit
Bit Name
Default
Access
Bit Description
7:4
Not used
0
RW
Not used
3
gpio3_a
0
RW
1=Put GPIO3 in analog mode; set this
bit when used for an analog function
e.g. the electrical frontend.
If set execute following I²C commands
(otherwise an internal pulldown will be
enabled) in this sequence:
Write 0x47 to register 0xC6
Write 0x0C to register 0xC2
Write 0x0C to register 0xC3
2
gpio2_a
0
RW
1=Put GPIO2 in analog mode
If set execute following I²C commands
(otherwise an internal pulldown will be
enabled) in this sequence:
Write 0x47 to register 0xC6
Write 0x0C to register 0xC2
Write 0x0C to register 0xC3
1
gpio1_a
0
RW
1=Put GPIO1 in analog mode
0
gpio0_a
0
RW
1=Put GPIO0 in analog mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com