Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3239 Datasheet (PDF) - Infinite Electronics International, Inc.

SD3239 Datasheet PDF - Infinite Electronics International, Inc.
Part # SD3239
Download  SD3239 Download
File Size   524.78 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Inner DC Block From 0.007 MHz to 23 GHz With SMA Connectors

SD3239 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD3239 Datasheet PDF - Infinite Electronics International, Inc.

Part # SD3239
Download  SD3239 Click to download

File Size   524.78 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Inner DC Block From 0.007 MHz to 23 GHz With SMA Connectors

SD3239 Datasheet (HTML) - Infinite Electronics International, Inc.


SD3239 Product details

Features
• Inner DC Block
• Operates from 7 kHz to 23 GHz
• Good Insertion Loss of 0.75 dB
• Typ
• Applications:
• Test & Measurement
• Ground Loop Elimination
• Signal to Noise Ratio (SNR) Im­
• provement
• SD3239
• DATA SHEET




Similar Part No. - SD3239

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SD32303 SMC-SD32303 Datasheet
118Kb / 4P
SOD-323
SD32305 SMC-SD32305 Datasheet
118Kb / 4P
SOD-323
SD32312 SMC-SD32312 Datasheet
118Kb / 4P
SOD-323
SD32315 SMC-SD32315 Datasheet
118Kb / 4P
SOD-323
SD32324 SMC-SD32324 Datasheet
118Kb / 4P
SOD-323
More results


Similar Description - SD3239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
logo
Mini-Circuits
BLK-18W-N+ MINI-BLK-18W-N+ Datasheet
305Kb / 4P
Inner DC Block
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com