Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL500 Datasheet (PDF) - Wavelength Electronics, Inc.

FL500 Datasheet PDF - Wavelength Electronics, Inc.
Part # FL500
Download  FL500 Download
File Size   1884.06 Kbytes
Page   14 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Single 500 mA or Dual 250 mA Channel Laser Diode Driver

FL500 Datasheet (PDF)

Go To PDF Page Download Datasheet
FL500 Datasheet PDF - Wavelength Electronics, Inc.

Part # FL500
Download  FL500 Click to download

File Size   1884.06 Kbytes
Page   14 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Single 500 mA or Dual 250 mA Channel Laser Diode Driver

FL500 Datasheet (HTML) - Wavelength Electronics, Inc.


FL500 Product details

FEATURES
• Small Package: 0.75” x 0.45” x 0.255”
• Low Cost
• Brownout Protection
• 12-Pin, SMT Package, Reflow Compatible
• Slow Start Laser Diode Protection
• Drive Up to 500 mA Output Current
• Can be configured as two 250 mA drivers
• Voltage Controlled Setpoint
• TTL Compatible Shutdown Pin
• Adjustable Current Limit on Evaluation Board
• Adjustable Current Range Output
• 500 kHz sinewave Constant Current Bandwidth
(100 kHz square wave)
LEADING EDGE APPLICATIONS
The FL500 is commonly used in hand-held, portable, and
space constrained applications. Small and light weight,
the FL500 is ideal for airborne applications, spectroscopy
systems, and the dual-channel output is perfect for
sighting-and-detection applications.
DESCRIPTION
500 mA Laser Diode Driver
500 mA Laser Diode Driver and Board




Similar Part No. - FL500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL50P7-K120 ETC2-FL50P7-K120 Datasheet
990Kb / 10P
D-Sub Crimp Steckverbinder
FL50S7-K121 ETC2-FL50S7-K121 Datasheet
990Kb / 10P
D-Sub Crimp Steckverbinder
More results


Similar Description - FL500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI-THS6022 Datasheet
646Kb / 38P
250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
500 MA DUAL LDO REGULATOR
logo
ON Semiconductor
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
Dual 500 mA LDO Regulator
09/14/21
logo
Nexperia B.V. All right...
NCR320U NEXPERIA-NCR320U Datasheet
421Kb / 17P
250 mA LED driver in SOT457
Rev. 1 - 11 December 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com