Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1006 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1006 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1006
Download  FMPT1006 Download
File Size   662.92 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0.5 GHz to 8 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA

FMPT1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1006 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1006
Download  FMPT1006 Click to download

File Size   662.92 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0.5 GHz to 8 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA

FMPT1006 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1006 Product details

Features
• Power Detector with
• Positive Output Slope
• 500 MHz to 8 GHz
• High Voltage Sensitivity
• 0.5 mV/uW typ
• Tangential Signal Sensitivity
• (TSS) -30 dBm typ
• VSWR 1.1:1 typ
• Maximum RF Input Power
• Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable SMA
• Connectors, Male input
• and Female output
• Operational Temperature
• Range -40°c to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• Military and Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMPT1006

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1006

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM005-020-12-24 TRANSCOM-TM005-020-12-24 Datasheet
23Kb / 1P
0.5 - 2 GHz 24 dBm Module
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8037 PASTERNACK-PE8037 Datasheet
696Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com