Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet (PDF) - Wavelength Electronics, Inc.

TC10 LAB Datasheet PDF - Wavelength Electronics, Inc.
Part # TC10 LAB
Download  TC10 LAB Download
File Size   6602.84 Kbytes
Page   29 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description High Precision Temperature Controller— with IntelliTune®

TC10 LAB Datasheet (PDF)

Go To PDF Page Download Datasheet
TC10 LAB Datasheet PDF - Wavelength Electronics, Inc.

Part # TC10 LAB
Download  TC10 LAB Click to download

File Size   6602.84 Kbytes
Page   29 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description High Precision Temperature Controller— with IntelliTune®

TC10 LAB Datasheet (HTML) - Wavelength Electronics, Inc.


TC10 LAB Product details

FEATURES
• Two models: 10 A and 15 A output current
• Compliance voltages of 15 V (TC10) and 20 V (TC15)
• Stability better than 0.0009ºC with thermistor
• Compatible with a variety of sensors
» Thermistors
» 2, 3, or 4-wire RTDs
» Linear voltage sensors
» Linear current sensors
• Touchscreen with intuitive user interface
• Safety features protect your research
» Adjustable current limit, with Brick-Wall Never-
Exceed circuitry
» Password protection available to lock out a
selectable control set
» Over-temperature protection circuit
» Temperature limits on the load
» Shutdown signal to the QCL/laser driver load
to protect against over- or under-temperature
situations.
• IntelliTune sets ideal PID control parameters for optimal time to
temperature or fast disturbance rejection
• Complete command set for remote control from computer
• LabVIEW® Virtual Instrument, USB and Ethernet interfaces
• Auxiliary input for heatsink sensor
• Feature-rich for research projects
• Automatic temperature scan function
• Data collection using a computer or USB flash drive
• Field upgradeable firmware
• Sophisticated error handling
• Save and recall functions for specific parameter sets
• CE compliant
• All instrument documentation and software are provided on a
USB flash drive
• Optional rack mount kit: 2 U height, ½ rack width
• AC input, auto detect, 100-240 VAC, ±15%, 50-60 Hz power-line
frequency
APPLICATIONS
The advanced and reliable circuitry of the TC LAB Series
instruments achieve better than 0.0009°C temperature
stability with thermistors.
The ultra-stable temperature controller instruments are
particularly reliable for diverse fields such as medical,
defense, communications and manufacturing. Applications
include particle and droplet measurement, communications,
manufacturing test, and medical systems. Additionally, our
products are designed for use with electro-optical systems,
airborne instrumentation, spectroscopic monitors, and
medical diagnostic equipment.
GENERAL
• Observe all Cautions and Warnings both in the User Guide and
on the instrument.
• This instrument is designed to be safe to at least the following
conditions: indoor use, 6500 ft (2000 m), 80% max. relative
humidity for temperatures up to 31ºC and decreasing linearly
to 50% relative humidity at 40ºC, transient overvoltages to
Overvoltage Category 2, and environmental conditions to
Pollution Degree 2.
• Use the TC LAB instrument as specified in this guide. If not, the
protection provided by this instrument may be impaired and the
warranty will be voided.
• The TC LAB instrument is intended to be used to control
thermoelectrics, resistive heaters, and other similar equipment.
Please contact Wavelength Electronics for other possible
applications.
• The TC LAB instrument must not be operated in explosion
endangered environments.
• Do not operate the TC LAB instrument where liquids are present
or used and do not spill liquid on the instrument.
• The safety of any system that incorporates the use of the TC
LAB series instrument is the sole responsibility of the system
assembler. This includes assembly, mounting, location, special
ambient or application conditions, and connections within the
system.
• Operating outside of the conditions specified in the User Guide
are not recommended for safety reasons.
• Proper setup in the end user’s environment includes:
» Adequately sized thermoelectric and heatsink to properly
manage the heat dissipated by the load.
» Securely mounted temperature sensor for accurate
temperature control.
» Correct connection of the thermoelectric.
» Use of the LD Shutdown connection to protect the load.




Similar Part No. - TC10 LAB

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
2Mb / 5P
Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
June, 2025
More results


Similar Description - TC10 LAB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
List of Unclassifed Man...
ABK36V1A1 ETC2-ABK36V1A1 Datasheet
583Kb / 17P
High Efficiency Precision LED Controller
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
High Precision Mixed-Signal Controller
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
High Precision Mixed-Signal Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3125D FUMAN-FM3125D Datasheet
217Kb / 5P
High precision LED controller IC
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
High-Precision Voltage References with Temperature Sensor
2019
logo
Digital View Ltd
SVX-4096-SDM DIGITALVIEW-SVX-4096-SDM Datasheet
569Kb / 2P
4K LCD controller with Intel® SDM
July 2018 v1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com