Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 10 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 10 Page - Wavelength Electronics, Inc.

Back Button TC10 LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
CONNECT THE POWER
On the back panel, insert the female end of the IEC AC power
cable into the Power receptacle and then plug the male end
into the AC power source.
NOTE: Place the TC LAB instrument at least 6” away from any
wall to provide adequate ventilation and prevent overheating.
WIRE A SENSOR AND TEST LOAD
We recommend using a test load and simulated thermistor
when configuring the TC LAB instrument. The thermistor test
load simulates a 10 kΩ thermistor operating at 25ºC.
Wire a 15 + 2 D-SUB plug to a test load and insert it into the
TE Out and Sensor D-SUB port located on the back panel.
10 kΩ
SENSOR- (1)
SENSOR+ (2)
R
LOAD Recommendation
0 to 10 A: 0.5 Ω, > 50 W
0 to 15 A: 0.1 Ω, > 50 W
Resistors may require
heatsinking.
R
LOAD
TEC+ (A1)
TEC- (A2)
Test Load
Thermistor Test Load
Figure 6. Test Load Wiring Schematic
Setting up this test load allows current to be driven to either
the positive or negative limit. Choose units of resistance and
change the setpoint above or below the 10 kΩ value. This
confirms proper operation and direction of the current flow.
After practicing with a test load to gain comfort and proficiency
with the operation of the instrument, wire the sensor and
thermoelectric or resistive heater.
WIRE A SENSOR
Be sure to wire the sensor to the correct pins on the TE/Sensor
D-SUB. Wiring depends on which type of sensor is used.
1
2
R
T
Figure 7. Thermistor Wiring Schematic
10
9
2-Wire
RTD
Sense+
Sense-
10
9
3-Wire
RTD
Sense+
Sense-
Force+
13
12
11
4-Wire
RTD
Sense+
Sense-
Force+
13
Force-
8
Figure 8. RTD Wiring Schematics
AD590
4
3
+
-
Figure 9. AD590 Wiring Schematic
LM335
3
4
+
-
Figure 10. LM335 Wiring Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com