Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button TC10 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
ELECTRICAL SPECIFICATIONS
OUTPUT
MIN
TYP
MAX
UNITS
NOTES
Output Current
10 or 15
A
10 A for TC10, 15 A for TC15
Short Term Stability, 1 hour, Off Ambient 1, 2
0.0002
0.0006
ºC
25°C ambient
Short Term Stability, 1 hour, On Ambient 1, 2
0.0003
0.0009
ºC
25°C ambient
Long Term Stability, 24 hour, Off Ambient 1, 2
0.00067
0.002
ºC
25°C ambient
Temperature Coefficient
5
10
18
ppm / °C
Compliance Voltage Range
0-15 or 0-20
V
≤15 V for TC10. ≤20 V for TC15.
SENSOR COMPATIBILITY
VALUE
NOTES
NTC Thermistor Sensor Range Voltage
0 - 10 V
NTC Thermistor Bias Current Range
10 µA - 10 mA
Auto-ranging bias current3
2,3,4 Wire RTD Sensor Range
100 Ω - 1 kΩ
Linear Voltage or Current Sensors
Supported
Comparable to LM335 and AD590
Bias Current Accuracy
0.004%
Bias Current Temperature Coefficient
10 ppm/ºC
POWER SUPPLY REQUIREMENTS
VALUE
NOTES
AC Power Supply and Line Frequency
100-240 VAC (± 10%),
3 A, 50-60 Hz
Fuse for 100-240 V
3.15 A 250 AC Fast Blow
(3.15 AH 250 V 5×20 mm)
Replacement fuse:
Littelfuse 02163.15 HXP
Max AC Line Power
200 W
FEEDBACK LOOP: Proportional / Integral / Derivative (PID)
GENERAL SPECIFICATIONS
VALUE
NOTES
Warm-up Time
1 Hour
Remote Interface
USB, Ethernet
Warranty
One (1) Year
Safety Tested To
IEC 61000-3-2
IEC 61000-4-5
IEC 61000-3-3
IEC 61000-4-6
IEC 61000-4-2
IEC 61000-4-8
IEC 61000-4-3
IEC 61010-1
IEC 61000-4-4
EN61010-2-30
European Council Directive 2004/108/EC &
European Council Directive 2006/95/EC
ABSOLUTE MAXIMUM RATINGS
VALUE
UNIT
NOTES
Case Operating Temperature Range
0 to 40
°C
Weight
7.4 (3.36)
lbs (kg)
Size
3.47 × 8.86 × 17.72
(89 × 226 × 450)
inches
(mm)
Case Storage Temperature
-40 to 70
ºC
Humidity
80
%
Relative humidity at 30ºC, non-condensing
1
This specification assumes a steady-state operation with a tuned system using a 10 kΩ thermistor. Minimum Stability achieved by measuring 1 standard
deviation (1σ) away from the mean. Typical Stability achieved by measuring 3 standard deviations (3σ) away from the mean. For more detail, see
TN-TC02. Stability typical for a 14 pin butterfly package laser diode with a 10 kΩ thermistor.
Stability will vary with different load types, thermal designs, and sensors. RTDs and linear voltage and current sensors are much
less sensitive than thermistors to temperature change, so stability results will not match these specifications. See TN-TC01 for
maximizing system performance.
2
When using resistive heaters, stability can only be consistently achieved when setpoint temperatures are 10ºC or more over ambient.
3
A fixed, non-volatile bias current can be configured with a custom sensor using remote command CONST:THERM with Firmware Versions 1.99 and 2.01
and later. See the LAB Series Command Set User Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com