Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 20 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 20 Page - Wavelength Electronics, Inc.

Back Button TC10 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
TROUBLESHOOTING
Table 5. Troubleshooting
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
Front panel Power button does not
turn on
The button has been pushed on and off
within 3 seconds.
The front panel Power button has a 3 second
delay between when it is turned off and on in rapid
succession. This is a safety mechanism to ensure
there is no damage to either the TC instrument or
the attached load.
The rear panel switch is off.
Turn the rear panel switch to the on or | position.
Temperature increases beyond the
setpoint and will not come down
The TEC and heatsink are not adequately
sized for the thermal load
The heat being generated by the load may be
too great for the TEC to pump to the heatsink; a
larger TEC or heatsink, or airflow may be needed.
Consult Technical Note TN-TC01: Optimizing
Thermoelectric Temperature Control Systems.
Temperature does not stabilize very
well at setpoint
Poor thermal contact between components
of the thermal load
Use thermal paste or washers between the load/
TEC and TEC/heatsink interfaces. Make sure the
temperature sensor is in good thermal contact with
the load.
Operating outside of the ideal region of the
temperature sensor
The sensor type and bias current should be selected
to maximize sensitivity at the target temperature.
Thermistors provide the best performance,
particularly for applications where a single setpoint
temperature must be accurately maintained.
For example, at 25°C a 10 kΩ thermistor has a
sensitivity of 43 mV/°C, whereas an RTD sensor
has a sensitivity of 4 mV/°C.
Proportional control term is set too high
Run an IntelliTune scan.
Derivative term is introducing noise.
Run an IntelliTune scan.
Using a resistive heater, temperature
is slow to stabilize and is not within the
specifications
Setpoint temperature is set too close to the
ambient temperature
Set the temperature at least 10°C above ambient
when using a resistive heater. A resistive heater
is unable to precisely maintain temperatures near
ambient because once the temperature overshoots
the setpoint, the controller turns off and relies on
ambient temperature to cool the load. If setting the
temperature 10°C or more above ambient is not
possible, then choose a thermoelectric, which can
alternately heat and cool the load to maintain a
more precise setpoint temperature.
Airflow across load is inadequate.
Use a fan to blow air across the load to increase
natural convection.
Temperature does not reach the
setpoint
Insufficient current driven to the TEC or
heater
Increase the current limit - but DO NOT exceed the
specifications of the TEC or heater.
The controller does not have sufficient
compliance voltage to drive the TEC or
heater
Check the thermoelectric voltage and determine if
it is too close to the 15 V maximum. If it is, choose
a lower voltage thermoelectric.
Actual temperature does not approach
setpoint after output current is enabled
Thermoelectric wiring is reversed.
Reverse the leads to the thermoelectric.
The thermoelectric is generating too much
heat and has inadequate cooling
Install a larger heatsink or a fan to cool the heatsink.
I hear a beep and know there is an
error, but nothing is displayed on the
instrument screen
A remote command REMERR needs to be
set to 1 to display errors
Connect the TC LAB instrument to a remote
computer and write the REMERR 1 command.
See the Remote Command Set document for more
information.
Can’t clear an on-screen error
message
The cause of the error may not have been
fixed.
Press the enable button once. If the cause of
the error is not corrected, the error message is
displayed again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com