Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 22 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 22 Page - Wavelength Electronics, Inc.

Back Button TC10 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 24Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 25Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 26Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
IntelliTune fails because of a “load
short” error
VLIM may be too high.
Reduce the current limit and rerun IntelliTune to
automatically reduce VLIM. Then reset the current
limit and rerun the scan.
Use remote command TEC:VLIM 9 to set the VLIM
to 9 V and then rerun IntelliTune.
Put a resistor in series with the thermoelectric to
increase the load compliance voltage.
Load Fault Error is triggered
A Load Fault Error may be falsely triggered
when operating near maximum current and
near maximum voltage.
Use remote command TEC:VLIM 27 to limit the
internal voltage supply to 27 V instead of the 28 V
maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com