Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  TC10 LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
GENERAL OVERVIEW
• Two models: 10 A and 15 A output current
• Compliance voltages of 15 V (TC10) and 20 V (TC15)
• Stability better than 0.0009ºC with thermistor
• Compatible with a variety of sensors
»
Thermistors
»
2, 3, or 4-wire RTDs
»
Linear voltage sensors
»
Linear current sensors
• Touchscreen with intuitive user interface
• Safety features protect your research
»
Adjustable current limit, with Brick-Wall Never-
Exceed circuitry
»
Password protection available to lock out a
selectable control set
»
Over-temperature protection circuit
»
Temperature limits on the load
»
Shutdown signal to the QCL/laser driver load
to protect against over- or under-temperature
situations.
• IntelliTune sets ideal PID control parameters for optimal time to
temperature or fast disturbance rejection
• Complete command set for remote control from computer
• LabVIEW® Virtual Instrument, USB and Ethernet interfaces
• Auxiliary input for heatsink sensor
• Feature-rich for research projects
• Automatic temperature scan function
• Data collection using a computer or USB flash drive
• Field upgradeable firmware
• Sophisticated error handling
• Save and recall functions for specific parameter sets
• CE compliant
• All instrument documentation and software are provided on a
USB flash drive
• Optional rack mount kit: 2 U height, ½ rack width
• AC input, auto detect, 100-240 VAC, ±15%, 50-60 Hz power-line
frequency
LabVIEW is a trademark of National Instruments.
ULTRA-STABLE TEMPERATURE
CONTROLLER
The TC LAB series of temperature controllers integrates
high-end digital control with a precision output current drive
stage to offer the best stability temperature control instrument
commercially available today. Many different sensors can be
used in the feedback loop including thermistors, RTDs, linear
current and linear voltage sensors.
Two models are available driving 10 A or 15 A maximum with
15 V (20 V for TC15) compliance to the thermoelectric or
resistive heater.
Safety features protect the thermoelectric [TE] and its load.
Over- and under-temperature limits as well as positive
and negative current limits can be set. If the sensor signal
is lost or a short is detected at the TE, output current is
disabled. If temperature limits are exceeded, TE current
is disabled and a signal to the active load can be sent to
disable its current. For example, connect the LD Shutdown
BNC output to the Active Lock input on Wavelength’s
QCL LAB driver and the QCL current will shut down if
temperature limits are exceeded. An Auxiliary Sensor can
be used to monitor the temperature of the system heatsink.
INTUITIVE USER INTERFACE AND
SUPERIOR REMOTE CONTROL
With Wavelength’s plug and play instrument, you have the
ability to quickly set the controls using either the instrument
touchscreen or a remote computer.
INTELLITUNE: INTELLIGENT
AUTOTUNE
Wavelength’s proprietary IntelliTune algorithm characterizes
the TE/sensor system’s response to the controller and
determines the optimal PID control coefficients.
It then
automatically adjusts the PID control values as setpoint,
tuning mode, or bias current change.
Run IntelliTune easily just off ambient and watch it change PID
settings for a much higher or lower setpoint.After a single scan,
explore either optimized Setpoint Response or Disturbance
Rejection performance with your load to see which works
best. Add or remove the D term to see if noise is an issue.
IntelliTune lets you skip the manual characterization and it’s
smart enough to really work—very little adjustment is needed
after you have stored a successful characterization scan. See
Application Note AN-TC13 for an in depth exploration.
APPLICATIONS
The advanced and reliable circuitry of the TC LAB Series
instruments achieve better than 0.0009°C temperature
stability with thermistors.
The ultra-stable temperature controller instruments are
particularly reliable for diverse fields such as medical,
defense, communications and manufacturing. Applications
include particle and droplet measurement, communications,
manufacturing test, and medical systems. Additionally, our
products are designed for use with electro-optical systems,
airborne instrumentation, spectroscopic monitors, and
medical diagnostic equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com