Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 17 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  High Precision Temperature Controller— with IntelliTune®
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 17 Page - Wavelength Electronics, Inc.

Back Button TC10 LAB Datasheet HTML 13Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
INTELLITUNE CONTINUOUSLY
OPTIMIZES
Once a system is run through the IntelliTune process, the PID
coefficents are adjusted as the setpoint, tune mode, or bias
current is changed. Adjustments are made even if bias current
changes or setpoint approaches ambient temperature. The
IntelliTune setpoint does not need to match the system setpoint
if the system setpoint is very high or very low. Run IntelliTune
at a setpoint about 5ºC away from ambient. IntelliTune stops
if the sensor is changed or the tuning mode is set to Manual
Tuning.
During an IntelliTune process, the current limits are set to
10% of the initial values. The limit icon glows red frequently.
Current limits are restored after the scan is complete.
See Application Note AN-TC13 for an in-depth exploration of
IntelliTune.
SAVE OR RECALL SETTINGS
Press to access the Save/Recall Screen.
Under
Save Settings, press the blue text to
toggle through the
Profile options, select one,
and then press the Save icon.
The following operations settings are saved:
• Tune Mode
• Scan Start Temperature
• Beeper Status
• Scan Temperature Step Size
• Cable Resistance
• Scan Stop Temperature
• Current Limit, Negative
• Scan Settling Period
• Current Limit, Positive
• Sensor
• Display Brightness
• Temperature Setpoint
• Proportional Gain
• High Temperature Limit
• Integrator Time Constant
• Low Temperature Limit
• Differentiator Time Constant
• Tolerance
Figure 25. Save / Recall Screen
SETTINGS SCREEN
1. Press to access the Settings Screen.
2. Press the
Display value to cycle through the
display and control units available - Celcius (°C),
Farenheit (°F), Kelvin (K) or Resistance.
3. Press the
Tolerance value and turn the adjustment knob
until the desired tolerance window is displayed. The
target symbol will show on the front panel when the actual
temperature is within the window defined by setpoint ±
the tolerance. The minimum tolerance is 0.01.
4. Move the slider bar on the touchscreen to change the
Display Brightness.
5. Press the blue text to toggle the
Beeper on-off setting.
Figure 26. Settings Screen
LOCK OR UNLOCK SETTINGS
(OPTIONAL)
Settings are not locked.
This is the default. Critical values set with the
Adjustment knob can be locked. Press to lock
the settings.
Settings are locked.
Press to unlock the settings.
Settings are locked and password protected.
Locked settings that are password protected
can only be locked and unlocked using a remote
computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com