Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G120SW Datasheet (PDF) - Alpha & Omega Semiconductors

AP30G120SW Datasheet PDF - Alpha & Omega Semiconductors
Part # AP30G120SW
Download  AP30G120SW Download
File Size   100.11 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD

AP30G120SW Datasheet (PDF)

Go To PDF Page Download Datasheet
AP30G120SW Datasheet PDF - Alpha & Omega Semiconductors

Part # AP30G120SW
Download  AP30G120SW Click to download

File Size   100.11 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD

AP30G120SW Datasheet (HTML) - Alpha & Omega Semiconductors


AP30G120SW Product details

VCES   1200V
IC 30A

Features
▼ High speed switching
▼ Low Saturation Voltage
      VCE(sat)=3.0V@IC=30A
▼ RoHS Compliant
▼ CO-PAK, IGBT with FRD




Similar Part No. - AP30G120SW

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_16 Datasheet
140Kb / 4P
High Speed Switching
More results


Similar Description - AP30G120SW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G120ASW A-POWER-AP30G120ASW Datasheet
103Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD.
AP30G120BSW-HF A-POWER-AP30G120BSW-HF Datasheet
104Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120CSW-HF A-POWER-AP30G120CSW-HF Datasheet
104Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com