Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G120SW Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AP30G120SW
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AP30G120SW Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AP30G120SW Datasheet HTML 1Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 2Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Saturation Voltage
Fig 4. Typical Collector- Emitter Voltage
Characteristics
v.s. Junction Temperature
Fig 5. Gate Threshold Voltage
Fig 6. Typical Capacitance Characterisitics
v.s. Junction Temperature
2/3
AP30G120SW
0
40
80
120
160
03
69
12
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
T C =25
o C
0
20
40
60
80
100
03
69
12
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
1
2
3
4
5
6
0
40
80
120
160
Junction Temperature (
o C)
I C =60 A
I C =30A
V GE =15 V
0.5
0.8
1.1
1.4
-50
0
50
100
150
Junction Temperature (
o C )
T C =150
o C
0
20
40
60
80
100
120
140
160
0246
8
10
12
V CE , Collector-Emitter Voltage (V)
V GE =15V
T C =25 ℃
1
100
10000
1
10
100
V CE , Collector-Emitter Voltage (V)
f=1.0MHz
C ies
C oes
C res
T C =150 ℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com