Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G120SW Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AP30G120SW
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AP30G120SW Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AP30G120SW Datasheet HTML 1Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 2Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig 7. Turn-off SOA
Fig 8. Effective Transient Thermal
Impedance
Fig 9. Saturation Voltage vs. VGE
Fig 10. Saturation Voltage vs. VGE
Fig11. Forward Characteristic of
Fig 12. Gate Charge Characterisitics
Diode
3/3
AP30G120SW
0
4
8
12
16
20
0
20406080
Q G , Gate Charge (nC)
I C =3 0A
V CC =200V
V CC =300V
V CC =500V
0
5
10
15
20
0
4
8
12
16
20
V GE , Gate-Emitter Voltage(V)
I C =60 A
T C =25
o C
0
5
10
15
20
0
4
8
12
16
20
V GE , Gate-Emitter Voltage(V)
T C = 150
o C
1
10
100
1000
1
10
100
1000
10000
V CE , Collector-Emitter Voltage(V)
Safe Operating Area
V GE =15V
T C =125
o C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0
5
10
15
0
0.4
0.8
1.2
1.6
2
2.4
V F , Forward Voltage (V)
T j =25
o C
T j =150
o C
I C =30 A
I C =15 A
I C =60 A
I C =30 A
I C =15 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com