Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30G120SW Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AP30G120SW
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AP30G120SW Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AP30G120SW Datasheet HTML 1Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 2Page - Alpha & Omega Semiconductors AP30G120SW Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power
N-CHANNEL INSULATED GATE
Electronics Corp.
Features
▼ High speed switching
▼ Low Saturation Voltage
VCE(sat)=3.0V@IC=30A
Absolute Maximum Ratings
, 1/8" from case for 5 seconds .
Notes:
1.Repetitive rating : Pulse width limited by max . junction temperature .
Thermal Data
Symbol
Rthj-c(IGBT)
Rthj-c(Diode)
Rthj-a
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Min.
Typ.
Max. Units
BVCES
1200
-
-
V
IGES
-
-
±500
nA
ICES
--
1
mA
VCE(sat)
-
3
3.6
V
-
3.8
-
V
VGE(th)
3
4.4
7
V
Qg
-55
88
nC
Qge
-12
-
nC
Qgc
-27
-
nC
td(on)
-20
-
ns
tr
-20
-
ns
td(off)
-65
-
ns
tf
-
200
300
ns
Eon
-
1.8
-
mJ
Eoff
-
1.1
-
mJ
Cies
-
1320 2110
pF
Coes
-
105
-
pF
Cres
-9-
pF
VF-1
-
1.7
2
V
VF-2
-
1.8
2.4
V
trr
-80
-
ns
Qrr
-22
-
nC
Data and specifications subject to change without notice
BIPOLAR TRANSISTOR WITH FRD.
℃
Maximum Lead Temp. for Soldering Purposes
300
Gate-Emitter Voltage
Continuous Collector Current
A
Reverse Transfer Capacitance
TSTG
Gate-Collector Charge
Total Gate Charge
Parameter
Gate-to-Emitter Leakage Current
Turn-on Delay Time
℃
/W
℃
/W
Thermal Resistance Junction-Case
Parameter
Value
0.6
Thermal Resistance Junction-Case
1.6
℃
/W
A
AP30G120SW
Symbol
VCES
1200V
Rating
Collector-Emitter Voltage
Units
V
1200
f=1.0MHz
-55 to 150
-55 to 150
VGE=15V, IC=30A
VCE=VGE, IC=1mA
IC=30A
VGE=±30V, VCE=0V
VGE=0V, IC=250uA
40
VGE=0V
W
℃
VCC=500V
Maximum Power Dissipation
Test Conditions
Storage Temperature Range
208
Collect-to-Emitter Breakdown Voltage
℃
Units
VGE=15V
Thermal Resistance Junction-Ambient
▼ RoHS Compliant
Output Capacitance
Input Capacitance
PD@TC=25℃
TJ
ICM
VCE=30V
Parameter
200630061-1/3
Pb Free Plating Product
Operating Junction Temperature Range
Gate-Emitter Charge
Gate Threshold Voltage
Collector-Emitter Saturation Voltage
Collector-Emitter Leakage Current
VGE=15V, IC=60A
TL
VCE=1200V, VGE=0V
Reverse Recovery Time
IF=10A
Reverse Recovery Charge
di/dt = 100 A/µs
Forward Voltage
IF=10A
Forward Voltage
IF=20A
IC@TC=100℃
IC@TC=25℃
Continuous Collector Current
Electrical Characteristics of Diode@Tj=25℃(unless otherwise specified)
VCC=600V,
Ic=30A,
VGE=15V,
RG=5Ω,
Inductive Load
Rise Time
Turn-off Delay Time
Fall Time
Turn-On Switching Loss
Turn-Off Switching Loss
75
A
A
▼ CO-PAK, IGBT with FRD
IF@TC=100℃
IFM
Diode Continunous Forward Current
Diode Pulse Forward Current
Pulsed Collector Current
1
VGE
30A
VCES
IC
12
V
160
A
±30
30
60
G
C
E
TO-3P
G
C
E


Similar Part No. - AP30G120SW

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_16 Datasheet
140Kb / 4P
High Speed Switching
More results

Similar Description - AP30G120SW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G120ASW A-POWER-AP30G120ASW Datasheet
103Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD.
AP30G120BSW-HF A-POWER-AP30G120BSW-HF Datasheet
104Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120CSW-HF A-POWER-AP30G120CSW-HF Datasheet
104Kb / 4P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com