Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFX2002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFX2002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFX2002
Download  FMFX2002 Download
File Size   725.65 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Female Field Replaceable Active 2x Frequency Multiplier with 32 GHz to 46 GHz Output and 8 dBm Output Power

FMFX2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFX2002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFX2002
Download  FMFX2002 Click to download

File Size   725.65 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Female Field Replaceable Active 2x Frequency Multiplier with 32 GHz to 46 GHz Output and 8 dBm Output Power

FMFX2002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFX2002 Product details

Features
• X2 Frequency Multiplier
• Wide Frequency Band
• GaAs HBT MMIC Technology
• Low Phase Noise -130 dBc/
• Hz @ 100 kHz offset
• Output Power +13 dBm
• Single +5V Bias Voltage
• Integrated DC Blocking
• Capacitors
• Hermetically Sealed Module
• Mil Spec Compliant
• Field Replaceable
• 2.92mm Connectors
• -55°C to +85°C Operating
• Temperature
• Applications:
• Electronic Warfare
• Electronic Countermeasures
• Point-To-Point Radio
• Point-To-Multipoint Radio
• VSAT Radios
• Fiber Optic
• Space Systems
• Test Instrumentation
• Telecom Infrastructure
• FMFX2002
• DATA SHEET




Similar Part No. - FMFX2002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFX2011 FAIRVIEW-FMFX2011 Datasheet
653Kb / 4P
SMA Female 2x Frequency Multiplier with 1.8 GHz to 4 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2012 FAIRVIEW-FMFX2012 Datasheet
650Kb / 4P
SMA Female 2x Frequency Multiplier with 2.5 GHz to 6 GHz Output and 15 dB Conversion Loss
REV 1.0A
FMFX2013 FAIRVIEW-FMFX2013 Datasheet
751Kb / 4P
SMA Female 2x Frequency Multiplier with 4 GHz to 8 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2014 FAIRVIEW-FMFX2014 Datasheet
654Kb / 4P
SMA Female 2x Frequency Multiplier with 8 GHz to 16 GHz Output and 17 dB Conversion Loss
REV 1.0A
FMFX2015 FAIRVIEW-FMFX2015 Datasheet
464Kb / 5P
SMA Female Active 3x Frequency Multiplier with 750 MHz to 1.05 GHz Output
REV A
More results


Similar Description - FMFX2002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579 Datasheet
273Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC-C034 HITTITE-HMC-C034 Datasheet
242Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 32 - 46 GHz OUTPUT
HMC598 HITTITE-HMC598 Datasheet
234Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC598 HITTITE-HMC598_10 Datasheet
397Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
HMC916LP3E HITTITE-HMC916LP3E Datasheet
554Kb / 6P
SMT MMIC x3 ACTIVE FREQUENCY MULTIPLIER, 8 - 16 GHz OUTPUT
logo
Broadcom Corporation.
AMMC-6120 BOARDCOM-AMMC-6120 Datasheet
200Kb / 8P
8 ??24 GHz Output 횞 2 Active Frequency Multiplier
logo
Analog Devices
HMC598 AD-HMC598 Datasheet
355Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
ADH814S AD-ADH814S Datasheet
737Kb / 8P
13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
ADH561S AD-ADH561S Datasheet
723Kb / 8P
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com